Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ4532151K2 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SQ4532151K2
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ4532151K2 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SQ4532151K2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ4532151K2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ4532151K2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ4532151K2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ4532151K2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ4532151K2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
±10%
120
4.50
1M
5.0
180.00
SQ4532181K2□-□□□
2)."-
":Reference code
1). □:Packaging Information… A:Bulk B:Taping Reel
2200.00
1800.00
1200.00
1500.00
560.00
680.00 ±10%
1000.00 ±10%
820.00
390.00
470.00
330.00
270.00
220.00
AR-001A
SQ4532122K2□-□□□
□□
SQ4532222K2□-□□□
SQ4532182K2□-□□□
SQ4532152K2□-□□□
SQ4532561K2□-□□□
SQ4532681K2□-□□□
SQ4532102K2□-□□□
SQ4532821K2□-□□□
SQ4532391K2□-□□□
SQ4532471K2□-□□□
SQ4532331K2□-□□□
SQ4532271K2□-□□□
SQ4532221K2□-□□□
1.5
1.3
1.8
1.6
2.5
2.7
2.0
2.2
3.0
3.3
3.6
4.0
4.5
1K
±10%
±10%
±10%
±10%
1K
1K
1K
±10%
±10%
±10%
±10%
±10%
±10%
±10%
1K
1K
1K
1K
1K
1M
1M
1M
1M
45
30.00
45.00
50.00
37.00
35
30
40
11.80
17.00
25.00
20.50
14.50
6.80
8.20
9.70
5.40
80
65
50
60
70
100
95
90
110
1.20
SMD POWER INDUCTOR
5.60
4.70
68.00
100.00
82.00
15.00
33.00
56.00
47.00
39.00
27.00
18.00
22.00
12.00
10.00
8.20
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
SPECIFICATION FOR APPROVAL
150.00
120.00
( µH )
Inductance
2.70
3.90
3.30
1.00
2.20
1.80
1.50
6.80
SQ45323R9M2□-□□□
SQ4532270K2□-□□□
SQ4532151K2□-□□□
SQ4532390K2□-□□□
SQ4532470K2□-□□□
SQ4532560K2□-□□□
SQ4532680K2□-□□□
SQ4532820K2□-□□□
SQ4532121K2□-□□□
SQ4532101K2□-□□□
SQ4532330K2□-□□□
SQ45326R8M2□-□□□
SQ45328R2M2□-□□□
SQ4532100M2□-□□□
SQ4532120M2□-□□□
SQ4532150M2□-□□□
SQ4532180M2□-□□□
SQ4532220K2□-□□□
SQ45325R6M2□-□□□
SQ45324R7M2□-□□□
SQ45321R2M2□-□□□
SQ45322R7M2□-□□□
SQ45323R3M2□-□□□
SQ45322R2M2□-□□□
SQ45321R8M2□-□□□
SQ45321R5M2□-□□□
DWG No.
SQ45321R0M2□-□□□
PROD.
NAME
REF :
500
±20%
1M
0.38
41.0
8.4
9.3
6.8
7.5
6.2
23.0
19.0
21.0
15.0
12.0
14.0
17.0
10.0
11.0
27.0
5.5
38.0
31.0
33.0
±10%
1M
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
1M
1M
1M
1M
1M
1M
1M
1M
1M
±20%
±20%
±10%
±20%
±20%
±20%
±20%
±20%
±20%
1M
1M
1M
1M
1M
1M
1M
1M
1M
1.10
300
1.90
2.50
3.00
3.70
2.20
1.40
1.70
1.50
1.20
180
160
130
150
170
240
200
220
270
0.56
0.73
0.94
0.82
0.62
0.47
0.56
0.50
0.40
400
360
340
320
380
500
450
450
500
75.0
85.0
100.0
SRF
(MHz)
min.
120.0
53.0
47.0
62.0
Test Freq
±20%
±20%
±20%
±20%
±20%
±20%
±20%
1M
1M
1M
1M
1M
L
1M
1M
( Hz )
ABC'S DWG NO.
ABC'S ITEM NO.
0.30
0.35
0.32
0.30
0.30
max.
0.20
0.20
RDC
( Ω )
500
500
500
500
500
max.
500
500
IDC
(mA)
SQ4532□□□□2□-□□□
PAGE: 2


Similar Part No. - SQ4532151K2

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ4532151K3 ABC-SQ4532151K3 Datasheet
494Kb / 6P
   SMD POWER INDUCTOR
SQ4532151KL ABC-SQ4532151KL Datasheet
598Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SQ4532151K2

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com