Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43770A5857M000 Datasheet(PDF) 8 Page - EPCOS

Part # B43770A5857M000
Description  Aluminum electrolytic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43770A5857M000 Datasheet(HTML) 8 Page - EPCOS

Back Button B43770A5857M000 Datasheet HTML 4Page - EPCOS B43770A5857M000 Datasheet HTML 5Page - EPCOS B43770A5857M000 Datasheet HTML 6Page - EPCOS B43770A5857M000 Datasheet HTML 7Page - EPCOS B43770A5857M000 Datasheet HTML 8Page - EPCOS B43770A5857M000 Datasheet HTML 9Page - EPCOS B43770A5857M000 Datasheet HTML 10Page - EPCOS B43770A5857M000 Datasheet HTML 11Page - EPCOS B43770A5857M000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
10 kHz
40
°C
A
IAC,R
10 kHz
105
°C
A
IAC,R(B)
10 kHz
105
°C
A
IAC,R(T+B)
10 kHz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
# =
Design
5 = for capacitors with ring clip/clamp mounting
7 = for capacitors with threaded stud
0 = for capacitors with standard inductance
3 = for capacitors with low inductance (13 nH) -
only capacitors with diameter d
≥ 76.9 mm
VR = 350 V DC
1200
64.3
× 80.3
67
32
45
9.5
21.8
25.6
B437*0A4128M000
1500
91.0
× 67.1
54
26
49
10
28.0
31.1
B437*0A4158M00#
1800
64.3
× 105.3
45
21
56
12
22.4
28.3
B437*0A4188M000
2700
76.9
× 105.3
30
13
75
16
33.0
B437*0A4278M00#
3900
76.9
× 142.8
21
9
80
20
33.8
45.7
B437*0A4398M00#
5300
91.0
× 144.1
16
8
80
26
46.5
59.4
B437*0A4538M00#
VR = 400 V DC
850
64.3
× 80.3 140
110
45
9.5
21.8
25.6
B437*0A9857M000
1200
91.0
× 67.1
94
80
49
10.4
28.0
31.1
B437*0A9128M00#
1300
64.3
× 105.3
87
74
56
12
22.4
28.3
B437*0A9138M000
1900
76.9
× 105.3
60
51
75
16
33.0
40.9
B437*0A9198M00#
2900
76.9
× 142.8
39
34
80
20
33.8
45.7
B437*0A9298M00#
3900
91.0
× 144.1
29
24
80
26
46.5
59.4
B437*0A9398M00#
VR = 450 V DC
560
64.3
× 80.3 220
180
36
7.7
17.6
20.7
B437*0A5567M000
680
91.0
× 67.1 180
150
45
9.4
25.3
28.1
B437*0A5687M00#
850
64.3
× 105.3 150
120
44
9.1
17.4
21.9
B437*0A5857M000
1200
76.9
× 105.3 100
80
54
11.4
24.0
29.7
B437*0A5128M00#
1300
91.0
× 96.6
92
73
68
14.3
31.4
37.1
B437*0A5138M00#
1900
76.9
× 142.8
63
50
74
15.5
26.3
35.6
B437*0A5198M00#
2400
91.0
× 144.1
50
40
80
20.2
36.3
46.4
B437*0A5248M00#
B43750, B43770
Extremely high ripple current
105
°C
Page 8 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43770A5857M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43770A5857M000 EPCOS-B43770A5857M000 Datasheet
157Kb / 9P
   Capacitors with Screw Terminals
More results

Similar Description - B43770A5857M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com