Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1245AEPP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1245AEPP
Description  2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1245AEPP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1245AEPP Datasheet HTML 4Page - Maxim Integrated Products MAX1245AEPP Datasheet HTML 5Page - Maxim Integrated Products MAX1245AEPP Datasheet HTML 6Page - Maxim Integrated Products MAX1245AEPP Datasheet HTML 7Page - Maxim Integrated Products MAX1245AEPP Datasheet HTML 8Page - Maxim Integrated Products MAX1245AEPP Datasheet HTML 9Page - Maxim Integrated Products MAX1245AEPP Datasheet HTML 10Page - Maxim Integrated Products MAX1245AEPP Datasheet HTML 11Page - Maxim Integrated Products MAX1245AEPP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
+2.375V, Low-Power, 8-Channel,
Serial 12-Bit ADC
8
_______________________________________________________________________________________
_______________Detailed Description
The MAX1245 analog-to-digital converter (ADC) uses a
successive-approximation conversion technique and
input track/hold (T/H) circuitry to convert an analog sig-
nal to a 12-bit digital output. A flexible serial interface
provides easy interface to microprocessors (µPs). No
external hold capacitors are required. Figure 3 is a
block diagram of the MAX1245.
Pseudo-Differential Input
The sampling architecture of the ADC’s analog compara-
tor is illustrated in the equivalent input circuit (Figure 4). In
single-ended mode, IN+ is internally switched to
CH0–CH7, and IN- is switched to COM. In differential
mode, IN+ and IN- are selected from the following pairs:
CH0/CH1, CH2/CH3, CH4/CH5, and CH6/CH7. Configure
the channels with Tables 2 and 3.
In differential mode, IN- and IN+ are internally switched
to either of the analog inputs. This configuration is
pseudo-differential to the effect that only the signal at
IN+ is sampled. The return side (IN-) must remain sta-
ble within ±0.5LSB (±0.1LSB for best results) with
respect to AGND during a conversion. To accomplish
this, connect a 0.1µF capacitor from IN- (the selected
analog input) to AGND.
During the acquisition interval, the channel selected as the
positive input (IN+) charges capacitor CHOLD. The acqui-
sition interval spans three SCLK cycles and ends on the
falling SCLK edge after the last bit of the input control
word has been entered. At the end of the acquisition inter-
val, the T/H switch opens, retaining charge on CHOLD as a
sample of the signal at IN+.
The conversion interval begins with the input multiplexer
switching CHOLD from the positive input, IN+, to the
negative input, IN- (In single-ended mode, IN- is simply
COM). This unbalances node ZERO at the input of the
comparator. The capacitive DAC adjusts during the
remainder of the conversion cycle to restore node ZERO
to 0V within the limits of 12-bit resolution. This action is
equivalent to transferring a charge of 16pF x [(VIN+) -
(VIN-)] from CHOLD to the binary-weighted capacitive
DAC, which in turn forms a digital representation of the
analog input signal.
Track/Hold
The T/H enters its tracking mode on the falling clock
edge after the fifth bit of the 8-bit control word has been
shifted in. It enters its hold mode on the falling clock
edge after the eighth bit of the control word has been
shifted in. If the converter is set up for single-ended
inputs, IN- is connected to COM, and the converter
samples the “+” input. If the converter is set up for dif-
ferential inputs, IN- connects to the “-” input, and the
difference of
|IN+ - IN-| is sampled. At the end of the
conversion, the positive input connects back to IN+,
and CHOLD charges to the input signal.
The time required for the T/H to acquire an input signal
is a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
the acquisition time lengthens, and more time must be
allowed between conversions. The acquisition time,
tACQ, is the maximum time the device takes to acquire
the signal, and is also the minimum time needed for the
signal to be acquired. It is calculated by:
tACQ = 9 x (RS + RIN) x 16pF
INPUT
SHIFT
REGISTER
CONTROL
LOGIC
INT
CLOCK
OUTPUT
SHIFT
REGISTER
T/H
ANALOG
INPUT
MUX
12-BIT
SAR
ADC
IN
DOUT
SSTRB
VDD
DGND
AGND
SCLK
DIN
CH0
CH1
CH3
CH2
CH7
CH6
CH5
CH4
COM
VREF
OUT
REF
CLOCK
1
2
3
4
5
6
7
8
10
11
9
15
16
17
18
19
MAX1245
CS
SHDN
12, 20
14
13
Figure 3. Block Diagram
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
CSWITCH
TRACK
T/H
SWITCH
RIN
12k
CHOLD
HOLD
12-BIT CAPACITIVE DAC
VREF
ZERO
COMPARATOR
+
16pF
SINGLE-ENDED MODE: IN+ = CHO–CH7, IN- = COM.
DIFFERENTIAL MODE: IN+ AND IN- SELECTED FROM PAIRS OF
CH0/CH1, CH2/CH3, CH4/CH5, AND CH6/CH7.
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES
FROM THE SELECTED IN+
CHANNEL TO THE SELECTED
IN- CHANNEL.
INPUT
MUX
Figure 4. Equivalent Input Circuit


Similar Part No. - MAX1245AEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245AEPP MAXIM-MAX1245AEPP Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
More results

Similar Description - MAX1245AEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245 MAXIM-MAX1245 Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Maxim Integrated Produc...
MAX19777 MAXIM-MAX19777 Datasheet
1Mb / 19P
   3Msps, Low-Power, Serial 12-Bit ADC
2017
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com