Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43827A9225M016 Datasheet(PDF) 10 Page - EPCOS

Part # B43827A9225M016
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43827A9225M016 Datasheet(HTML) 10 Page - EPCOS

Back Button B43827A9225M016 Datasheet HTML 6Page - EPCOS B43827A9225M016 Datasheet HTML 7Page - EPCOS B43827A9225M016 Datasheet HTML 8Page - EPCOS B43827A9225M016 Datasheet HTML 9Page - EPCOS B43827A9225M016 Datasheet HTML 10Page - EPCOS B43827A9225M016 Datasheet HTML 11Page - EPCOS B43827A9225M016 Datasheet HTML 12Page - EPCOS B43827A9225M016 Datasheet HTML 13Page - EPCOS B43827A9225M016 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Single-ended capacitors
B41827, B43827
Standard series – 85
°C
10 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing F = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing F = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing F = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm, d
10 mm
Technical data and ordering codes B41827
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
85
°C
mA
Ordering code
(composition see
below)
63
10
5
× 11
60
B41827A8106M***
22
6.3
× 11
100
B41827A8226M***
33
6.3
× 11
140
B41827A8336M***
47
6.3
× 11
170
B41827A8476M***
100
10
× 12.5
300
B41827A8107M***
220
10
× 20
475
B41827A8227M***
330
12.5
× 20
710
B41827A8337M***
470
12.5
× 25
900
B41827A8477M***
1000
16
× 31.5
1300
B41827A8108M***
100
0.47
5
× 11
13
B41827A9474M***
1.0
5
× 11
20
B41827A9105M***
2.2
5
× 11
29
B41827A9225M***
3.3
5
× 11
36
B41827A9335M***
4.7
5
× 11
43
B41827A9475M***
10
6.3
× 11
75
B41827A9106M***
22
8
× 11.5
130
B41827A9226M***
33
10
× 12.5
180
B41827A9336M***
47
10
× 12.5
230
B41827A9476M***
100
10
× 20
370
B41827A9107M***
220
12.5
× 25
620
B41827A9227M***
330
16
× 25
760
B41827A9337M***
470
16
× 31.5
1000
B41827A9477M***
1000
18
× 40
1380
B41827A9108M***


Similar Part No. - B43827A9225M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43827A1105M EPCOS-B43827A1105M Datasheet
555Kb / 39P
   Aluminum electrolytic capacitors
B43827A1106M EPCOS-B43827A1106M Datasheet
555Kb / 39P
   Aluminum electrolytic capacitors
B43827A1107M EPCOS-B43827A1107M Datasheet
555Kb / 39P
   Aluminum electrolytic capacitors
B43827A1225M EPCOS-B43827A1225M Datasheet
555Kb / 39P
   Aluminum electrolytic capacitors
B43827A1226M EPCOS-B43827A1226M Datasheet
555Kb / 39P
   Aluminum electrolytic capacitors
More results

Similar Description - B43827A9225M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com