Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43770A9857M000 Datasheet(PDF) 9 Page - EPCOS

Part # B43770A9857M000
Description  Aluminum electrolytic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43770A9857M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B43770A9857M000 Datasheet HTML 5Page - EPCOS B43770A9857M000 Datasheet HTML 6Page - EPCOS B43770A9857M000 Datasheet HTML 7Page - EPCOS B43770A9857M000 Datasheet HTML 8Page - EPCOS B43770A9857M000 Datasheet HTML 9Page - EPCOS B43770A9857M000 Datasheet HTML 10Page - EPCOS B43770A9857M000 Datasheet HTML 11Page - EPCOS B43770A9857M000 Datasheet HTML 12Page - EPCOS B43770A9857M000 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1) Refer to chapter "General technical information, 5.3 Calculation of useful life" on how to interpret the useful life graphs.
Useful life
depending on ambient temperature TA, TB, TT+B under ripple current operating conditions1)
Depending on the application, interpret the graph as follows:
1.
Natural cooling
Use rated current IAC,R and ambient temperature TA.
2.
Cooling of base
Use rated current IAC,R (B) and temperature of capacitor base TB.
3.
Cooling of terminals and base
Use rated current IAC,R (T+B) and temperature of capacitors bas TT+B.
Ensure that the temperature of the cooled terminals is lower than that of the case base.
Due to the current load capability of the contact elements, the following current limits must not be
exceeded, even if the frequency and the temperatur factors have been taken into account:
Capacitor diameter
Capacitor base cooling
Terminal and capacitor base cooling
64.3 mm
62 A
75 A
76.9 mm
80 A
100 A
91.0 mm
90 A
110 A
B43750, B43770
Extremely high ripple current
105
°C
Page 9 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43770A9857M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43770A9857M000 EPCOS-B43770A9857M000 Datasheet
157Kb / 9P
   Capacitors with Screw Terminals
More results

Similar Description - B43770A9857M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com