Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ0703181KL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SQ0703181KL
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ0703181KL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SQ0703181KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ0703181KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ0703181KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ0703181KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ0703181KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ0703181KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SQ0703181KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
( 1 ) Configuration
200 m/m min.
Leader
no component
13 - 12
SQ0703
( 2 ) Dimensions
07 - 12
( 3 ) Q'TY & G.W. Per package
SQ0703
Ⅶ﹒PACKAGING INFORMATION:
SMD POWER INDUCTOR
AR-001A
Series
Style
End
REF : 20080527-A
NAME
PROD.
User direction of feed
16,000
Q'TY (pcs)
20,000
1300
G.W. (gw)
Inner : Reel
350
2,000
Q'TY (pcs)
500
13 - 12
Style
07 - 12
21±0.8
21±0.8
B
330
178
A
13±0.5
13±0.5
C
G.W. (Kg)
13.0
10.5
Outer : Carton
40 x 40 x 24
Size (cm)
42 x 41 x 24
14
14
12
12
D
+0
+0
G
-0
50
-0
50
N
18.4
18.4
T
Unit:m/m
Cover tape
D
SQ0703□□□□L□-□□□
Components
100
P:8 m/m
100
100
100
C
G
4 m/m
400 m/m min.
100
100
no component
Trailer
Start
Embossed carrier
Carrier tape width : D
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
2.0±0.5
T
PAGE: 4


Similar Part No. - SQ0703181KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ0504100ML ABC-SQ0504100ML Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ0504101KL ABC-SQ0504101KL Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ0504220ML ABC-SQ0504220ML Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ0504221KL ABC-SQ0504221KL Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ05042R2ML ABC-SQ05042R2ML Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
More results

Similar Description - SQ0703181KL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com