Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF530 Datasheet(PDF) 3 Page - Transys Electronics

Part # IRF530
Description  N-CHANNEL ENHANCEMENT-MODE SILICON GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

IRF530 Datasheet(HTML) 3 Page - Transys Electronics

  IRF530 Datasheet HTML 1Page - Transys Electronics IRF530 Datasheet HTML 2Page - Transys Electronics IRF530 Datasheet HTML 3Page - Transys Electronics IRF530 Datasheet HTML 4Page - Transys Electronics IRF530 Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - IRF530

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRF530 MOTOROLA-IRF530 Datasheet
157Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
First Components Intern...
IRF530 FCI-IRF530 Datasheet
356Kb / 6P
   14.0A 100V N CHANNEL POWER MOSFET
logo
STMicroelectronics
IRF530 STMICROELECTRONICS-IRF530 Datasheet
47Kb / 3P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
June 1988
logo
Vishay Siliconix
IRF530 VISHAY-IRF530 Datasheet
282Kb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
logo
Samsung semiconductor
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
   N-CHANNEL POWER MOSFETS
More results

Similar Description - IRF530

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTP5N40E NJSEMI-MTP5N40E Datasheet
109Kb / 2P
   N-Channel Enhancement-Mode Silicon Gate
MTP5N05 NJSEMI-MTP5N05 Datasheet
112Kb / 2P
   N-CHANNEL ENHANCEMENT MODE SILICON GATE
MTP4N80E NJSEMI-MTP4N80E Datasheet
115Kb / 2P
   N-Channel Enhancement-Mode Silicon Gate
MTM15N45 NJSEMI-MTM15N45 Datasheet
100Kb / 2P
   N-Channel Enhancement-Mode Silicon Gate
logo
Motorola, Inc
MTP15N08EL MOTOROLA-MTP15N08EL Datasheet
163Kb / 5P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE
logo
New Jersey Semi-Conduct...
MTP2N60E NJSEMI-MTP2N60E Datasheet
112Kb / 2P
   N-Channel Enhancement-Mode Silicon Gate
logo
Motorola, Inc
MTH15N40 MOTOROLA-MTH15N40 Datasheet
500Kb / 5P
   N-Channel Enhancement Mode silicon Gate TMOS
IRF820 MOTOROLA-IRF820 Datasheet
140Kb / 2P
   N-CHANNEL Enhancement-Mode Silicon Gate TMOS
MGS13002D MOTOROLA-MGS13002D Datasheet
111Kb / 6P
   Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
logo
Polyfet RF Devices
SJ701 POLYFET-SJ701 Datasheet
57Kb / 2P
   SILICON GATE ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com