Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP13051R0YL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SP13051R0YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP13051R0YL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SP13051R0YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP13051R0YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP13051R0YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP13051R0YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP13051R0YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP13051R0YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP13051R0YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SP1305□□□□L□-□□□
P1 : 4.00 ref.
P2 : 4.00 ref.
B : 13.10±0.30
C : 5.00 max.
D : 2.00 typ.
E : 2.50 typ.
F : 8.00 typ.
A : 13.30±0.30
J : 3.00 ref.
K : 13.60 ref.
E1: 2.00 typ.
E2: 2.00 typ.
H : 11.00 ref.
I : 4.30 typ.
M : 5.00 ref.
F1: 6.90 typ.
F2: 6.20 typ.
P : 8.00 ref.
N : 5.00 typ.
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
200
Ⅲ﹒
MATERIALS LIST:
e﹒Adhesive:Epoxy resin
c﹒Wire:Ultra-Fine rectangular
b﹒Core:Ferrite SB core
a﹒Core:Ferrite ER core
d﹒Resistance to solder heat :260℃. 10 secs.
c﹒Operating temp.:-40℃ ~ +105℃
b﹒Storage temp.:-40℃ ~ +125℃
a﹒Temp. rise:40℃ typ.
Ⅳ﹒
GENERAL SPECIFICATION:
d﹒Terminal:Cu/Sn
f﹒Adhesive:Epoxy resin
g﹒Remark:Products comply with RoHS'
AR-001A
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
150
250
200
100
requirements
Enamelled copper wire (class F)
100
0
50
50
150
Time ( seconds )
70sec max.
50sec max.
150 ~ 200
/ 60 ~ 120sec
Preheat Area
Temperature
+4.0
/ sec max.
Rising Area
d
f
e
/ sec max.
+2.0 ~ 4.0℃
Reflow Area
For mounting fixed
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
MECHANICAL DIMENSIONS:
SHIELDED SMD
CLIP 3
Inductance code
Marking
NAME
PROD.
REF :
M
I
K
F1
1
2
E
3
E1
1
2
( PCB Pattern )
I
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
B
POWER INDUCTOR
Peak Temperature:
250
260
230
b
c
m/m
m/m
m/m
m/m
a
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SP13051R0YL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1305 LITTELFUSE-SP1305 Datasheet
952Kb / 5P
   SP1305 30pF, 30kV TVS Diode Array
SP1305-02HTG LITTELFUSE-SP1305-02HTG Datasheet
952Kb / 5P
   SP1305 30pF, 30kV TVS Diode Array
More results

Similar Description - SP13051R0YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com