Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP12041R8ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SP12041R8ML
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP12041R8ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SP12041R8ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP12041R8ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP12041R8ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP12041R8ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP12041R8ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP12041R8ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP12041R8ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AR-001A
0.5
05
1.0
R50
1R1
DC Current ( A )
10
15
POWER INDUCTOR
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
4). Irms Base on temp. rise 40
max.
3). Measured Frequency of inductance ir 100 KHz / 1V
5). Isat Base on inductance drop 20% typ. of L1 Value
1). □:Packaging information… A:Bulk B:Taping Reel
@ Inductance VS. DC Superposition Characteristics
1.5
2.0
1R8
2). "-
":Reference code
□□
REF :
PROD.
NAME
SP12041R8ML□-□□□
SP12041R1ML□-□□□
SP1204R50ML□-□□□
DWG No.
0.75±20%
2.00±20%
1.30±20%
Initial
L0 ( uH )
Inductance
SHIELDED SMD
SP1204□□□□L□-□□□
Flat Point
0.55±20%
1.80±20%
1.10±20%
Inductance
L1 ( uH )
at flatpoint
13.0
2.0
2.0
2.0
12.0
10.0
ref.
(A)
( A )
Irms
ABC'S DWG NO.
ABC'S ITEM NO.
DC Resistance
( mΩ )
3.0
14.0
13.0
11.0
4.5
6.0
( A )
Isat
max.
PAGE: 2


Similar Part No. - SP12041R8ML

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1204 SIPEX-SP1204 Datasheet
379Kb / 4P
   Component count summary
More results

Similar Description - SP12041R8ML

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com