Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPI4012-6R8MZF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SPI4012-6R8MZF
Description  SMD POWER INDUCTORS SPI4012 SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPI4012-6R8MZF Datasheet(HTML) 4 Page - Superworld Electronics

  SPI4012-6R8MZF Datasheet HTML 1Page - Superworld Electronics SPI4012-6R8MZF Datasheet HTML 2Page - Superworld Electronics SPI4012-6R8MZF Datasheet HTML 3Page - Superworld Electronics SPI4012-6R8MZF Datasheet HTML 4Page - Superworld Electronics SPI4012-6R8MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
6. RELIABILITY & TEST CONDITION :
Temperature characteristics
Dielectric withstand voltage
ITEM
The sample shall be left for 96±4 hours in an atmosphere
the sample has been left in a normal temperature and
with a temperature of -25±3°C.
Upon completion of the test, the measurement shall be
normal humidity for 1 hour.
Upon completion of the measurement shall be made after
The sample shall be left for 96±4 hours in an atmosphere
with a temperature of 85±2°C and a normal humidity.
temperature and normal humidity shall be L/L20°C<±10%.
calculated based on the value applicable in a normal
0~2000 ppm/°C
L/L20°C<±10%
The test shall be performed after the sample has stabilized
in an ambient temperature of -20 to +85°C,and the value
PERFORMANCE
TEST CONDITION
AC 100V voltage shall be applied for 1 minute across the
top surface and the terminal of this sample
High temperature storage
Electrical Characteristics Test
made after the sample has been left in a normal temperature
There shall be no damage or problems.
There shall be no mechanical damage.
There shall be no mechanical damage.
and normal humidity for 1 hour.
Change of temperature
Moisture storage
There shall be no other damage of problems
There shall be no mechanical damage.
The sample shall be subject to 5 continuous cycles, such as
shown in the table 2 below and then it shall be subjected to
standard atmospheric conditions for 1 hour, after which
measurement shall be made.
Duration
85±2°C
4
2
3
1
(Thermostat No.1)
5 sec. or less
-25±3°C
Temperature
30 min.
No.1 No.2
5 sec. or less
No.2 No.1
30 min.
(Thermostat No.2)
Standard
atmospheric
Standard
atmospheric
The sample shall be left for 96±4 hours in a temperature of
40±2°C and a humidity(RH) of 90~95%.
Upon completion of the test, the measurement shall be
made after the sample has been left in a normal temperature
and normal humidity more than 1 hour.
L/Lo<±10%
31.12.2009
L/Lo<±10%
Low temperature storage
L/Lo<±10%
L/Lo<±10%
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD POWER INDUCTORS
SPI4012 SERIES


Similar Part No. - SPI4012-6R8MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPI4012-6R8MZF-11 SUPERWORLD-SPI4012-6R8MZF-11 Datasheet
264Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SPI4012-6R8MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM3308-100M-RC BOURNS-PM3308-100M-RC Datasheet
227Kb / 3P
   PM3308 Series - SMD Power Inductors
logo
Taiyo Yuden (U.S.A.), I...
NS10165T100MNA TAIYO-YUDEN-NS10165T100MNA Datasheet
155Kb / 1P
   SMD Power Inductors (NS series)
NS12575T330MN TAIYO-YUDEN-NS12575T330MN Datasheet
167Kb / 2P
   SMD Power Inductors (NS series)
NS12575T680MN TAIYO-YUDEN-NS12575T680MN Datasheet
167Kb / 2P
   SMD Power Inductors (NS series)
NR5040T150M TAIYO-YUDEN-NR5040T150M_19 Datasheet
295Kb / 3P
   SMD Power Inductors (NR series)
NR6012T150ME TAIYO-YUDEN-NR6012T150ME Datasheet
302Kb / 3P
   SMD Power Inductors (NR series)
NR3010T1R0N TAIYO-YUDEN-NR3010T1R0N_19 Datasheet
302Kb / 3P
   SMD Power Inductors (NR series)
NR3010T1R5N TAIYO-YUDEN-NR3010T1R5N Datasheet
302Kb / 3P
   SMD Power Inductors (NR series)
NR3015T1R5N TAIYO-YUDEN-NR3015T1R5N Datasheet
293Kb / 3P
   SMD Power Inductors (NR series)
NR3015T3R3M TAIYO-YUDEN-NR3015T3R3M Datasheet
293Kb / 3P
   SMD Power Inductors (NR series)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com