Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43760A4568M000 Datasheet(PDF) 10 Page - EPCOS

Part # B43760A4568M000
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43760A4568M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B43760A4568M000 Datasheet HTML 6Page - EPCOS B43760A4568M000 Datasheet HTML 7Page - EPCOS B43760A4568M000 Datasheet HTML 8Page - EPCOS B43760A4568M000 Datasheet HTML 9Page - EPCOS B43760A4568M000 Datasheet HTML 10Page - EPCOS B43760A4568M000 Datasheet HTML 11Page - EPCOS B43760A4568M000 Datasheet HTML 12Page - EPCOS B43760A4568M000 Datasheet HTML 13Page - EPCOS B43760A4568M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,R
100 Hz
105
°C
A
IAC,R(B)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
# =
Design
4 = for capacitors with ring clip/clamp mounting
6 = for capacitors with threaded stud
0 = for capacitors with standard inductance
3 = for capacitors with low inductance (13 nH) -
only capacitors with diameter d
≥ 64.3 mm
7 = for heat sink mounting - only capacitors with
diameter d
≥ 64.3 mm and without threaded
stud
VR = 400 V DC
4700
76.9
× 130.7
20
30
24
42
13.7
24.6
B437*0A9478M00#
5600
76.9
× 143.2
17
26
20
48
15.6
27.1
B437*0A9568M00#
6800
76.9
× 168.7
15
23
18
54
17.5
28.6
B437*0A9688M00#
6800
91.0
× 144.5
14
21
17
56
18.3
32.8
B437*0B9688M00#
8200
76.9
× 190.7
13
20
16
57
20.0
31.1
B437*0A9828M00#
8200
91.0
× 144.5
12
18
14
63
20.6
37.8
B437*0B9828M00#
10000
76.9
× 220.7
10
15
12
57
24.4
37.8
B437*0A9109M00#
10000
91.0
× 191.0
9
14
11
77
25.0
41.4
B437*0B9109M00#
12000
91.0
× 221.0
7
11
8
80
29.9
47.2
B437*0A9129M00#
VR = 450 V DC
1000
51.6
× 105.7
95
143
114
14
4.7
8.2
B437*0A5108M000
1500
51.6
× 118.2
63
95
76
19
6.2
10.7
B437*0A5158M000
2200
64.3
× 118.2
43
65
52
25
8.1
13.9
B437*0A5228M00#
2700
64.3
× 130.7
33
50
40
30
9.8
16.2
B437*0A5278M00#
3300
64.3
× 143.2
27
41
32
35
11.4
18.4
B437*0B5338M00#
3300
76.9
× 130.7
27
41
32
35
11.4
19.9
B437*0A5338M00#
3900
76.9
× 143.2
23
35
28
40
12.9
21.8
B437*0A5398M00#
4700
76.9
× 168.7
20
30
24
45
14.7
23.3
B437*0A5478M00#
5600
76.9
× 190.7
17
26
20
52
16.8
25.5
B437*0A5568M00#
5600
91.0
× 144.5
16
24
19
53
17.3
30.6
B437*0B5568M00#
6800
76.9
× 220.7
14
21
17
57
19.7
30.6
B437*0A5688M00#
6800
91.0
× 170.0
13
20
16
62
20.1
39.1
B437*0B5688M00#
8200
91.0
× 191.0
10
15
12
74
24.1
39.1
B437*0A5828M00#
10000
91.0
× 221.0
8
12
10
80
28.6
44.2
B437*0A5109M00#
B43740, B43760
Extra long useful life
105
°C
Page 10 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43760A4568M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43762 TDK-B43762 Datasheet
682Kb / 22P
   Capacitors with screw terminals
B43763 TDK-B43763 Datasheet
671Kb / 21P
   Capacitors with screw terminals
More results

Similar Description - B43760A4568M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com