Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43474A5108M000 Datasheet(PDF) 7 Page - EPCOS

Part # B43474A5108M000
Description  Aluminum electrolytic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43474A5108M000 Datasheet(HTML) 7 Page - EPCOS

Back Button B43474A5108M000 Datasheet HTML 3Page - EPCOS B43474A5108M000 Datasheet HTML 4Page - EPCOS B43474A5108M000 Datasheet HTML 5Page - EPCOS B43474A5108M000 Datasheet HTML 6Page - EPCOS B43474A5108M000 Datasheet HTML 7Page - EPCOS B43474A5108M000 Datasheet HTML 8Page - EPCOS B43474A5108M000 Datasheet HTML 9Page - EPCOS B43474A5108M000 Datasheet HTML 10Page - EPCOS B43474A5108M000 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see below)
Composition of ordering code
* =
Mounting style
5 = for capacitors with ring clip/clamp mounting
7 = for capacitors with threaded stud
VR = 350 V DC
1500
51.6
× 80.7
82
123
98
14
5.3
B434*4A4158M000
2200
51.6
× 105.7
58
87
70
18
6.8
B434*4A4228M000
2200
64.3
× 80.7
58
87
70
18
6.8
B434*4B4228M000
2700
64.3
× 80.7
48
72
58
21
7.7
B434*4A4278M000
3300
64.3
× 105.7
40
60
48
24
8.9
B434*4A4338M000
3900
64.3
× 105.7
35
53
42
26
9.8
B434*4A4398M000
4700
64.3
× 143.2
30
45
36
30
11.2
B434*4A4478M000
4700
76.9
× 105.7
30
45
36
29
10.9
B434*4B4478M000
5600
64.3
× 143.2
25
38
30
34
12.8
B434*4A4568M000
6800
76.9
× 143.2
20
30
24
40
14.9
B434*4A4688M000
8200
76.9
× 168.7
16
24
19
47
17.4
B434*4A4828M000
10000
76.9
× 220.7
12
18
14
50
21.5
B434*4A4109M000
12000
76.9
× 220.7
10
15
12
50
24.8
B434*4A4129M000
VR = 400 V DC
1000
51.6
× 80.7
99
149
119
12
4.6
B434*4A9108M000
1500
51.6
× 105.7
76
114
91
15
5.7
B434*4A9158M000
2200
64.3
× 80.7
62
93
74
18
6.8
B434*4A9228M000
2700
64.3
× 105.7
52
78
62
21
7.7
B434*4A9278M000
3300
64.3
× 105.7
43
65
52
24
8.9
B434*4A9338M000
3900
76.9
× 105.7
35
53
42
28
10.3
B434*4A9398M000
4700
76.9
× 143.2
28
42
34
32
12.0
B434*4A9478M000
5600
76.9
× 143.2
23
35
28
37
13.8
B434*4A9568M000
6800
76.9
× 168.7
21
32
25
40
15.1
B434*4A9688M000
8200
76.9
× 220.7
18
27
22
46
17.4
B434*4A9828M000
10000
76.9
× 220.7
16
24
19
50
19.4
B434*4A9109M000
B43454, B43474
Standard
85
°C
Page 7 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43474A5108M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43474A5108M000 EPCOS-B43474A5108M000 Datasheet
453Kb / 14P
   Capacitors with screw terminals
More results

Similar Description - B43474A5108M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com