Electronic Components Datasheet Search |
|
B43514A4228M000 Datasheet(PDF) 10 Page - EPCOS |
|
B43514A4228M000 Datasheet(HTML) 10 Page - EPCOS |
10 / 19 page Technical data and ordering codes CR 100 Hz 20 °C µF Case dimensions d × l mm ESRtyp 100 Hz 20 °C m Ω ESRmax 100 Hz 20 °C m Ω Zmax 10 kHz 20 °C m Ω IAC,max 100 Hz 60 °C A IAC,max 100 Hz 85 °C A IAC,R 100 Hz 105 °C A Ordering code (composition see below) Capacitors with solder pins are only available in 35 and 40 mm case diameters. Composition of ordering code * = Terminal type ## = Terminal style and insulation feature 1 = 4-pin snap-in terminals 2 = solder pin 00 = solder pin or 4-pin snap-in standard terminals and PVC insulation 07 = 4-pin snap-in short terminals and PVC insulation 80 = 4-pin snap-in standard terminals and PVC insulation with additional PET insulation cap on terminal side 87 = 4-pin snap-in short terminals and PVC insulation with additional PET insulation cap on terminal side VR = 400 V DC 680 45 × 50 130 200 160 7.06 5.28 2.61 B43514M9687M0## 820 35 × 80 110 170 140 8.80 6.58 3.26 B435*4K9827M0## 820 40 × 60 110 170 140 8.25 6.17 3.05 B435*4L9827M0## 820 45 × 50 110 170 140 7.75 5.80 2.87 B43514M9827M0## 1000 40 × 70 90 140 110 9.66 7.23 3.58 B435*4K9108M0## 1000 45 × 60 90 140 110 9.14 6.83 3.38 B43514L9108M0## 1200 40 × 80 75 120 100 11.1 8.35 4.13 B435*4K9128M0## 1200 45 × 70 75 120 100 10.6 7.93 3.92 B43514L9128M0## 1500 45 × 80 60 100 75 12.4 9.33 4.62 B43514B9158M0## 1800 45 × 100 50 80 65 14.9 11.1 5.53 B43514A9188M0## VR = 420 V DC 390 35 × 50 390 600 480 5.05 3.77 1.87 B435*4K0397M0## 390 40 × 40 390 600 480 4.93 3.68 1.82 B435*4L0397M0## 470 35 × 60 330 500 400 5.94 4.44 2.20 B435*4K0477M0## 470 40 × 50 330 500 400 5.84 4.37 2.16 B435*4L0477M0## 560 35 × 70 270 420 330 6.89 5.15 2.55 B435*4K0567M0## 560 40 × 50 270 420 330 6.38 4.77 2.36 B435*4L0567M0## 560 45 × 40 270 420 330 5.95 4.45 2.20 B43514M0567M0## 680 35 × 70 230 340 280 7.59 5.68 2.81 B435*4K0687M0## 680 40 × 60 230 340 280 7.51 5.62 2.78 B435*4L0687M0## 680 45 × 50 230 340 280 7.06 5.28 2.61 B43514M0687M0## 820 35 × 80 190 290 230 8.80 6.58 3.26 B435*4K0827M0## 820 40 × 70 190 290 230 8.75 6.55 3.24 B435*4L0827M0## 820 45 × 50 190 290 230 7.75 5.80 2.87 B43514M0827M0## 1000 40 × 80 150 240 190 10.1 7.62 3.77 B435*4K0108M0## B43514, B43524 Extended temperature range 105 °C Page 10 of 19 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B43514A4228M000 |
|
Similar Description - B43514A4228M000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |