Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPH5020FT-3R3NZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPH5020FT-3R3NZF
Description  SMD POWER INDUCTORS (PRELIMINARY)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPH5020FT-3R3NZF Datasheet(HTML) 2 Page - Superworld Electronics

  SPH5020FT-3R3NZF Datasheet HTML 1Page - Superworld Electronics SPH5020FT-3R3NZF Datasheet HTML 2Page - Superworld Electronics SPH5020FT-3R3NZF Datasheet HTML 3Page - Superworld Electronics SPH5020FT-3R3NZF Datasheet HTML 4Page - Superworld Electronics SPH5020FT-3R3NZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
01.02.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5. ELECTRICAL CHARACTERISTICS :
4. GENERAL SPECIFICATION :
f) Resistance to solder heat : 260°C 10secs
e) Operating temp. : -40°C to +105°C ( include self temp. rise )
d) Storage temp. : -40°C to +105°C
b) IDC2 : Based on temperature rise ( T: 40°C Typ.)
a) IDC1 : Based on inductance change ( L/Lo: <30%) @ ambient temp. 25°C
Part No.
SPH5020FT-1R2NZF
Inductance
1.2±30%
( uH )
IDC1
( m )
0.1V/100K
21
4.40
( A )
RDC
IDC2
3.50
( A )
( Hz )
Frequency
Test
±20%
1.5±30%
0.1V/100K
26
2.2±30%
0.1V/100K
35
3.3±30%
0.1V/100K
48
SPH5020FT-1R5NZF
SPH5020FT-2R2NZF
SPH5020FT-3R3NZF
3.10
2.60
2.20
3.50
3.00
2.60
SMD POWER INDUCTORS (PRELIMINARY)
SPH5020FT SERIES
c) Rated Current : IDC1 or IDC2, whichever value is lower
SPH5020FT-1R0NZF
1.0±30%
0.1V/100K
21
4.40
3.50
SPH5020FT-4R7MZF
4.7±20%
0.1V/100K
60
2.00
2.00
6.8±20%
0.1V/100K
90
10±20%
0.1V/100K
120
22±20%
0.1V/100K
260
SPH5020FT-6R8MZF
SPH5020FT-100MZF
SPH5020FT-220MZF
1.65
1.45
1.00
1.60
1.30
0.90


Similar Part No. - SPH5020FT-3R3NZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPH5014FT SUPERWORLD-SPH5014FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-2R2NZF SUPERWORLD-SPH5014FT-2R2NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-3R3NZF SUPERWORLD-SPH5014FT-3R3NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-4R7NZF SUPERWORLD-SPH5014FT-4R7NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
logo
Cooper Bussmann, Inc.
SPH50SP1120SN COOPER-SPH50SP1120SN Datasheet
1Mb / 4P
   SURGE PROTECTION MADE SIMPLE??FOR COMMERCIAL & INDUSTRIAL APPLICATIONS
More results

Similar Description - SPH5020FT-3R3NZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPH3010FT SUPERWORLD-SPH3010FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH4010FT SUPERWORLD-SPH4010FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH3012FT SUPERWORLD-SPH3012FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH3015FT SUPERWORLD-SPH3015FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH4012FT SUPERWORLD-SPH4012FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH6012FT SUPERWORLD-SPH6012FT Datasheet
237Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com