Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43457A9109M000 Datasheet(PDF) 6 Page - EPCOS

Part # B43457A9109M000
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43457A9109M000 Datasheet(HTML) 6 Page - EPCOS

Back Button B43457A9109M000 Datasheet HTML 2Page - EPCOS B43457A9109M000 Datasheet HTML 3Page - EPCOS B43457A9109M000 Datasheet HTML 4Page - EPCOS B43457A9109M000 Datasheet HTML 5Page - EPCOS B43457A9109M000 Datasheet HTML 6Page - EPCOS B43457A9109M000 Datasheet HTML 7Page - EPCOS B43457A9109M000 Datasheet HTML 8Page - EPCOS B43457A9109M000 Datasheet HTML 9Page - EPCOS B43457A9109M000 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Special designs
Low-inductance design
For heat sink mounting
Design for optimal connection of capacitors to the heat sink when using base cooling with the
following features (refer to chapter "General technical information, 5.2 Cooling"):
Electrical insulation of the capacitors base with 2 overlapping thermal pads for optimal heat
flow (minimal thermal resistance at the capacitor base)
Minimal overall length tolerance (
±0.35 mm) for mounting between heat sink and bus bar
Case with extra groove near the base for clamp mounting (recommended ring clamp
B44030A0165B ... A0190B)
This version is available only for capacitors without threaded stud and for diameters
≥64.3 mm.
Regarding ripple current and useful life, please refer to column IAC,R(B) in the table "Technical
data and ordering codes" and in the useful life curves.
Ordering codes:
Design
Identification in 3rd
block of ordering code
Remark
Low inductance (13 nH)
M003
For capacitors with diameter d
≥ 64.3 mm
For heat sink mounting
M007
For capacitors with diameter d
≥ 64.3 mm and
without threaded stud
B43455, B43457
Long useful life
85
°C
Page 6 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43457A9109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43457A9158M000 EPCOS-B43457A9158M000 Datasheet
190Kb / 9P
   Uninterruptible power supplies
More results

Similar Description - B43457A9109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com