Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH5028331YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SH5028331YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH5028331YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SH5028331YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH5028331YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH5028331YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH5028331YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH5028331YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH5028331YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SH5028331YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
REF :
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
SHIELDED SMD
POWER INDUCTOR
AR-001A
0.480
8.5
0.45
100.0 ±30%
SH5028101YL□
330.0 ±30%
680.0 ±30%
150.0 ±30%
220.0 ±30%
1).
:Packaging Information… A:Bulk
B:Taping Reel
3). Inductance Test Freq. :100KHz /0.1V
SH5028331YL□
SH5028681YL□
SH5028151YL□
SH5028221YL□
2.000
4.300
0.900
1.250
4.5
2.8
6.0
6.5
0.20
0.13
0.30
0.33
27.0 ±30%
22.0 ±30%
18.0 ±30%
15.0 ±30%
5.3 ±30%
6.2 ±30%
8.2 ±30%
4.2 ±30%
39.0 ±30%
47.0 ±30%
33.0 ±30%
82.0 ±30%
68.0 ±30%
56.0 ±30%
10.0 ±30%
12.0 ±30%
3.0 ±30%
2.6 ±30%
( μH )
Inductance
SH5028470YL□
SH5028390YL□
SH5028270YL□
SH5028330YL□
SH5028820YL□
SH5028680YL□
SH5028560YL□
SH5028180YL□
SH5028220YL□
SH5028100YL□
SH5028150YL□
SH5028120YL□
SH50288R2YL□
SH50286R2YL□
SH50284R2YL□
SH50283R0YL□
SH50285R3YL□
SH50282R6YL□
DWG No.
0.055
0.080
0.070
0.045
0.100
0.110
0.120
0.190
0.250
0.210
0.160
0.350
0.430
0.300
10.0
16.0
14.0
13.0
15.0
11.0
9.0
40.0
20.0
20.0
20.0
25.0
18.0
28.0
0.82
0.62
0.52
0.72
0.86
0.90
1.05
1.46
1.25
1.15
1.38
2.10
1.50
2.20
max.
(Ω)
RDC
0.030
0.030
0.040
0.035
45.0
40.0
45.0
55.0
(MHz)
typ.
SRF
3.00
2.50
2.30
2.80
Irms
max.
(A)
4). Irms base on Temp. rise 30
max.
5). Isat base on △L/L0A=35% typ.
0.45
0.20
0.14
0.30
0.35
0.65
0.56
0.50
0.60
0.72
0.78
0.90
1.25
1.10
1.00
1.15
1.60
1.40
1.80
2.70
2.20
1.90
2.50
Isat
typ.
(A)
SH5028□□□□L□-□□□
□□
2)."-
":Reference code
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
0.378
1.660
3.630
0.715
0.969
0.043
0.065
0.056
0.036
0.074
0.088
0.098
0.164
0.199
0.176
0.124
0.287
0.338
0.264
typ.
0.020
0.023
0.033
0.026
20091008-A


Similar Part No. - SH5028331YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SH5018100YL ABC-SH5018100YL Datasheet
153Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SH5018101YL ABC-SH5018101YL Datasheet
153Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SH5018120YL ABC-SH5018120YL Datasheet
153Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SH5018121YL ABC-SH5018121YL Datasheet
153Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SH5018150YL ABC-SH5018150YL Datasheet
153Kb / 8P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SH5028331YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com