Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH40098R0YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SH40098R0YL
Description  SHIELDED SMD SHIELDED SMD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH40098R0YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SH40098R0YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH40098R0YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH40098R0YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH40098R0YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH40098R0YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH40098R0YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REF :
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
AR-001A
POWER INDUCTOR
SHIELDED SMD
5). Isat base on
L / LOA=35% typ.
4). Irms base on Temp. rise 40
typ.
33.00 ± 30 %
15.00 ± 30 %
22.00 ± 30 %
4.70 ± 30 %
6.80 ± 30 %
10.00 ± 30 %
8.00 ± 30 %
2.50 ± 30 %
3.30 ± 30 %
1.50 ± 30 %
1.10 ± 30 %
SH4009100YL□-□□□
SH4009150YL□-□□□
SH4009220YL□-□□□
SH4009330YL□-□□□
SH40094R7YL□-□□□
SH40096R8YL□-□□□
SH40098R0YL□-□□□
SH40093R3YL□-□□□
SH40092R5YL□-□□□
SH40091R5YL□-□□□
SH40091R1YL□-□□□
DWG No.
Inductance
( µH )
925
1200
1900
300
415
480
700
210
42
16
2.52
530
14
2.52
12
16
2.52
2.52
20
1450
26
34
920
710
8
8
7.96
7.96
10
8
7.96
7.96
50
55
370
320
65
85
230
160
650
600
450
400
320
340
480
420
920
750
680
1200
680
750
900
1150
170
98
76
( mΩ )
RDC
Test Freq.
10
8
10
7.96
7.96
Q
ref.
( MHz )
120
100
150
75
130
58
( MHz )
typ.
SRF
typ.
1350
1700
( mA )
Irms
typ.
2100
1300
1650
2000
( mA )
Isat
typ.
max.
1).
Packaging Information… A:Bulk B:Taping Reel
3). Inductance Test Freq. :100KHz /0.1V
2
1
7
5
10
10 0
23
5
1R5
10
7
2
7
5
3
2
10 1
5
7
3
2
10 2
100
3R3
330
10
23
5 7
3
23
5
10
7
4
DC Current (mA)
@ Inductance VS. DC Currrent Curve
7.96
SH4009□□□□L□-□□□
□□
2)."-
":Reference code


Similar Part No. - SH40098R0YL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SH400 LITTELFUSE-SH400 Datasheet
450Kb / 4P
   Gas Discharge Tubes
Revised: GD. 03/09/21
logo
Toshiba Semiconductor
SH400R28B TOSHIBA-SH400R28B Datasheet
195Kb / 4P
   Alloy-Free Hight Speed Thyristor(High Power Control Application)
More results

Similar Description - SH40098R0YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
   Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
   Shielded smd Inductor
logo
Datatronic Distribution...
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
   SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
   SHIELDED SMD INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com