Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41828A3478M016 Datasheet(PDF) 8 Page - EPCOS

Part # B41828A3478M016
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41828A3478M016 Datasheet(HTML) 8 Page - EPCOS

Back Button B41828A3478M016 Datasheet HTML 4Page - EPCOS B41828A3478M016 Datasheet HTML 5Page - EPCOS B41828A3478M016 Datasheet HTML 6Page - EPCOS B41828A3478M016 Datasheet HTML 7Page - EPCOS B41828A3478M016 Datasheet HTML 8Page - EPCOS B41828A3478M016 Datasheet HTML 9Page - EPCOS B41828A3478M016 Datasheet HTML 10Page - EPCOS B41828A3478M016 Datasheet HTML 11Page - EPCOS B41828A3478M016 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Single-ended capacitors
B41828, B43828
Standard series – 105
°C
8
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing F = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing F = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing F = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm, d
10 mm
Technical data and ordering codes B41828
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
105
°C
mA
Ordering code
(composition see
below)
25
10
5
× 11
37
B41828A5106M***
47
5
× 11
85
B41828A5476M***
100
6.3
× 11
143
B41828A5107M***
220
8
× 11.5
245
B41828A5227M***
330
10
× 12.5
319
B41828A5337M***
470
10
× 16
429
B41828A5477M***
1000
10
× 20
680
B41828A5108M***
2200
16
× 25
1233
B41828A5228M***
3300
16
× 31.5
1571
B41828A5338M***
4700
18
× 35.5
1925
B41828A5478M***
35
4.7
5
× 11
28
B41828A7475M***
10
5
× 11
42
B41828A7106M***
22
5
× 11
62
B41828A7226M***
33
5
× 11
76
B41828A7336M***
47
6.3
× 11
104
B41828A7476M***
100
6.3
× 11
169
B41828A7107M***
220
10
× 12.5
278
B41828A7227M***
330
10
× 16
395
B41828A7337M***
470
10
× 20
514
B41828A7477M***
1000
12.5
× 25
905
B41828A7108M***
2200
16
× 31.5
1403
B41828A7228M***
3300
18
× 35.5
1707
B41828A7338M***
50
1.0
5
× 11
14
B41828A6105M***
10
5
× 11
48
B41828A6106M***
22
5
× 11
70
B41828A6226M***
33
6.3
× 11
101
B41828A6336M***
47
6.3
× 11
118
B41828A6476M***
100
8
× 11.5
193
B41828A6107M***
220
10
× 16
369
B41828A6227M***
330
10
× 20
458
B41828A6337M***
470
12.5
× 20
535
B41828A6477M***
1000
16
× 25
1085
B41828A6108M***
2200
18
× 35.5
1559
B41828A6228M***
AEC-C_B41828_B43828.book Seite 8 Dienstag, 5. August 2008 4:21 16


Similar Part No. - B41828A3478M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41828A3478M EPCOS-B41828A3478M Datasheet
557Kb / 39P
   Aluminum electrolytic capacitors
More results

Similar Description - B41828A3478M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com