Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-644 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-644
Description  4-Slot Ultra-Compact Wallmount/Desktop Chassis with 150 W ATX Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-644 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-644 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industrial Computer Chassis
Features
Dimensions
Unit: mm (inch)
IPC-644
4-Slot Ultra-Compact Wallmount/Desktop
Chassis with 150 W ATX Power Supply
Ultra-compact wallmount/desktop IPC chassis
Supports up to 4 half-size cards
Supports one 3.5" FDD and one internal 3.5" HDD
Power switch on the rear plate
One 53-CFM cooling fan
Equipped with 150 W ATX power supply
Easy-to-replace fan filter
Reserved I/O port openings (two 9-pin and one 25-pin) on the rear plate
Specifications
Drive Bay
Front-accessible
Internal
3.5"
1
1
Cooling
Fan
1 (53 CFM)
Air Filter
Yes
Miscellaneous
Control
Power on/off switch and system reset button
Indicators
Power status and HDD activity
Rear Panel
Reserved two 9-pin COM and one 25-pin printer port openings
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85 % @ 40° C, non-condensing
10 ~ 95 % @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Altitude
0 to 3,048 m (0 ~ 10,000 ft)
Physical Characteristics
Dimensions (W x H x D)
135 x 209 x 305 mm ( 5.3" x 8.2" x 12")
Weight
5.0 kg (11.4 lb)
Power Supply Options
Part Number
Specifications
Watt Input
Output
Mini-load
Safety MTBF
1757000170G
(ATX, PFC)
150
W
AC 115/230 V
(selectable)
+5 V @ 15 A,
+3.3 V @ 17 A,
+12 V @ 8 A,
-12 V @ 0.8 A,
+5 Vsb @ 2 A
+5 V @ 1 A
+3.3 V @ 0.5 A,
+12 V @ 2 A
+5 VSB @ 0.1 A
UL/
TUV/
CB
100,000
hrs @
25° C
Accessories
Part Number
Description
1999806020
Fan filter 100 x 90 x 3 mm
Ordering Information
Part Number
Power Supply
Backplane
Regulation
Switch
IPC-644BP-15ZE
1757000170G
-
CE
AT
308.6 (12.15)
135 (5.31)
305 (12.01)
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - IPC-644

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6006 ADVANTECH-IPC-6006 Datasheet
473Kb / 1P
   6-Slot Card Cage
IPC-6006 ADVANTECH-IPC-6006 Datasheet
451Kb / 2P
   6-Slot Backplane Card Cage
IPC-6006-BAREE ADVANTECH-IPC-6006-BAREE Datasheet
473Kb / 1P
   6-Slot Card Cage
IPC-6006-BAREE ADVANTECH-IPC-6006-BAREE Datasheet
2Mb / 2P
   6-Slot Backplane Card Cage
IPC-6006-BAREE ADVANTECH-IPC-6006-BAREE Datasheet
451Kb / 2P
   6-Slot Backplane Card Cage
More results

Similar Description - IPC-644

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6806 ADVANTECH-IPC-6806 Datasheet
640Kb / 2P
   6-Slot Desktop/Wallmount Chassis with 1U Power Supply
IPC-7220 ADVANTECH-IPC-7220 Datasheet
833Kb / 2P
   Desktop/Wallmount Chassis for ATX Motherboard
MBPC-641 ADVANTECH-MBPC-641 Datasheet
441Kb / 1P
   4-Slot MicroBox Desktop/Wallmount Chassis with Open Frame AC Power Supply
IPC-7220 ADVANTECH-IPC-7220_15 Datasheet
913Kb / 2P
   Desktop/wallmount Chassis for ATX/mATX Motherboard
IPC-7130L ADVANTECH-IPC-7130L_15 Datasheet
940Kb / 2P
   Desktop/Wallmount Chassis for ATX/MicroATX Motherboard
IPC-7220 ADVANTECH-IPC-7220_17 Datasheet
1Mb / 2P
   Desktop/wallmount Chassis for ATX/mATX Motherboard
MBPC-641 ADVANTECH-MBPC-641_1 Datasheet
114Kb / 1P
   4-slot MicroBox Desktop/Wallmount Chassis with Open Frame AC, DC Power Supply
IPC-6806S ADVANTECH-IPC-6806S Datasheet
128Kb / 2P
   6-slot Desktop/Wallmount Chassis with Open Frame PFC Power Supply
20-Mar-2006
IPC-7220 ADVANTECH-IPC-7220_12 Datasheet
2Mb / 2P
   Quiet Desktop/Wallmount Chassis Ready for ATX Motherboard
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
1Mb / 2P
   6/8-Slot Desktop/Wallmount Chassis
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com