Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43415C3478A000 Datasheet(PDF) 7 Page - EPCOS

Part # B43415C3478A000
Description  Aluminum electrolytic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43415C3478A000 Datasheet(HTML) 7 Page - EPCOS

Back Button B43415C3478A000 Datasheet HTML 3Page - EPCOS B43415C3478A000 Datasheet HTML 4Page - EPCOS B43415C3478A000 Datasheet HTML 5Page - EPCOS B43415C3478A000 Datasheet HTML 6Page - EPCOS B43415C3478A000 Datasheet HTML 7Page - EPCOS B43415C3478A000 Datasheet HTML 8Page - EPCOS B43415C3478A000 Datasheet HTML 9Page - EPCOS B43415C3478A000 Datasheet HTML 10Page - EPCOS B43415C3478A000 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Technical data and ordering codes
B43416
CR
100 Hz
20
°C
µF
Case dimensions
d
× l
mm
Ileak,max
5 min.
20
°C
mA
Ordering code
VR = 300 V DC
1000
30
× 50
2.0
B43416C3108A000
1500
35
× 50
2.7
B43416C3158A000
VR = 330 V DC
1000
35
× 45
2.2
B43416C8108A000
1200
35
× 50
2.5
B43416C8128A000
VR = 360 V DC
560
30
× 40
1.5
B43416C9567A000
1100
35
× 50
2.6
B43416C9118A000
1200
35
× 55
2.8
B43416C9128A000
VR = 400 V DC
330
25
× 45
1.2
B43416C9337A000
700
35
× 45
2.0
B43416C9707A000
900
35
× 55
2.6
B43416C9907A000
VR = 500 V DC
200
25
× 45
0.9
B43416C6207A000
560
35
× 50
2.0
B43416C6567A000
600
35
× 55
2.1
B43416C6607A000
B43416
Compact
up to 60
°C
Page 7 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43415C3478A000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
TDK Electronics
B43415 TDK-B43415 Datasheet
1Mb / 17P
   Capacitors for pulse applications
logo
EPCOS
B43415A3218A000 EPCOS-B43415A3218A000 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
B43415A3308A000 EPCOS-B43415A3308A000 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
B43415A3478A000 EPCOS-B43415A3478A000 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
More results

Similar Description - B43415C3478A000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com