Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41570E7479Q000 Datasheet(PDF) 8 Page - EPCOS

Part # B41570E7479Q000
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41570E7479Q000 Datasheet(HTML) 8 Page - EPCOS

Back Button B41570E7479Q000 Datasheet HTML 4Page - EPCOS B41570E7479Q000 Datasheet HTML 5Page - EPCOS B41570E7479Q000 Datasheet HTML 6Page - EPCOS B41570E7479Q000 Datasheet HTML 7Page - EPCOS B41570E7479Q000 Datasheet HTML 8Page - EPCOS B41570E7479Q000 Datasheet HTML 9Page - EPCOS B41570E7479Q000 Datasheet HTML 10Page - EPCOS B41570E7479Q000 Datasheet HTML 11Page - EPCOS B41570E7479Q000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
5 = for capacitors with ring clip/clamp mounting
7 = for capacitors with threaded stud
VR = 63 V DC
2200
35.7
× 55.7 26
60
30
13
9.4
4.7
B415*0E8228Q000
3300
35.7
× 80.7 17
39
24
19
14
6.8
B415*0E8338Q000
4700
35.7
× 80.7 13
31
20
24
17
8.7
B415*0E8478Q000
6800
35.7
× 105.7 10
23
17
28
20
10
B415*0E8688Q000
10000
51.6
× 80.7
7.0
18
14
30
27
13
B415*0E8109Q000
15000
64.3
× 80.7
6.0
13
11
40
31
15
B415*0E8159Q000
22000
64.3
× 105.7
5.0
10
9.0
40
35
17
B415*0E8229Q000
33000
76.9
× 105.7
4.0
8.0
8.0
40
39
21
B415*0E8339Q000
47000
76.9
× 143.2
3.0
7.0
6.0
40
40
26
B415*0A8479Q000
VR = 100 V DC
1500
35.7
× 55.7 36
83
34
12
8.8
4.2
B415*0A9158Q000
2200
35.7
× 80.7 26
57
30
16
12
5.9
B415*0E9228Q000
3300
35.7
× 105.7 17
37
24
22
16
8.0
B415*0E9338Q000
4700
51.6
× 80.7 15
29
20
28
20
10
B415*0E9478Q000
6800
64.3
× 80.7 10
20
17
36
26
13
B415*0E9688Q000
10000
64.3
× 80.7
8
15
14
40
32
16
B415*0E9109Q000
15000
64.3
× 105.7
7
13
11
40
36
18
B415*0E9159Q000
22000
76.9
× 105.7
6
11
9.0
40
38
19
B415*0A9229Q000
33000
76.9
× 143.2
5
9.0
8.0
40
40
23
B415*0A9339Q000
B41550, B41570
SIKOREL
105
°C
Page 8 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41570E7479Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41570E7479Q000 EPCOS-B41570E7479Q000 Datasheet
186Kb / 11P
   Capacitors with Screw Terminals
More results

Similar Description - B41570E7479Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com