Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43505A2227M080 Datasheet(PDF) 2 Page - EPCOS

Part # B43505A2227M080
Description  Aluminum electrolytic capacitors21
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43505A2227M080 Datasheet(HTML) 2 Page - EPCOS

  B43505A2227M080 Datasheet HTML 1Page - EPCOS B43505A2227M080 Datasheet HTML 2Page - EPCOS B43505A2227M080 Datasheet HTML 3Page - EPCOS B43505A2227M080 Datasheet HTML 4Page - EPCOS B43505A2227M080 Datasheet HTML 5Page - EPCOS B43505A2227M080 Datasheet HTML 6Page - EPCOS B43505A2227M080 Datasheet HTML 7Page - EPCOS B43505A2227M080 Datasheet HTML 8Page - EPCOS B43505A2227M080 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Long-life grade capacitors
Applications
Frequency converters
Professional power supplies in industrial electronics and in
data processing equipment
Features
Long useful life
High reliability
Outstanding ripple current capability
Low ESR
RoHS-compatible
Construction
Charge/discharge-proof, polar
Aluminum case, fully insulated with PVC
Version with PET insulation available (B43505 only)
Version with additional PET insulation cap on terminal side
available for insulating the capacitor from the PCB (B43505
only)
Snap-in solder pins to hold component in place on PC-board
Minus pole marking on case surface
Minus pole not insulated from case
Overload protection by safety vent on the base
Terminals
Standard version with 2 terminals,
2 lengths available: 6.3 and 4.5 mm
3 terminals to ensure correct insertion: length 4.5 mm
Specifications and characteristics in brief
B41505
B43505
Rated voltage VR
10 ... 100 V DC
200 ... 450 V DC
Surge voltage VS
1.15
VR
1.15
VR (for VR
≤ 250 V DC)
1.10
VR (for VR
≥ 400 V DC)
Rated capacitance CR
560 ... 33000 µF
47 ... 1500 µF
Capacitance tolerance
±20%
M
±20%
M
Dissipation factor tan
δ V
R = 10 V DC: tan
δ ≤ 0.20
VR
≤ 400 V DC: tan δ ≤ 0.13
(20
°C, 100 Hz)
VR = 16 V DC: tan
δ ≤ 0.15
VR = 450 V DC: tan
δ ≤ 0.17
VR = 25 V DC: tan
δ ≤ 0.11
VR = 35 V DC: tan
δ ≤ 0.10
VR = 50 V DC: tan
δ ≤ 0.08
VR = 63 ... 100 V DC: tan
δ ≤ 0.06
Snap-in capacitors
B41505, B43505
Excellent performance
105
°C
Page 2 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43505A2227M080

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43505A2227M000 EPCOS-B43505A2227M000 Datasheet
312Kb / 13P
   Snap-In Capacitors Excellent Performance
B43505A2227M002 EPCOS-B43505A2227M002 Datasheet
312Kb / 13P
   Snap-In Capacitors Excellent Performance
B43505A2227M007 EPCOS-B43505A2227M007 Datasheet
312Kb / 13P
   Snap-In Capacitors Excellent Performance
More results

Similar Description - B43505A2227M080

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSG_S CDE-MLSG_S Datasheet
333Kb / 7P
   Aluminum Electrolytic
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com