Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2508 Datasheet(PDF) 1 Page - Transys Electronics

Part # CM2508
Description  HIGH CURRENT SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

CM2508 Datasheet(HTML) 1 Page - Transys Electronics

  CM2508 Datasheet HTML 1Page - Transys Electronics CM2508 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CM1000, 1500, 2500, 3500 SERIES
HIGH CURRENT SILICON BRIDGE RECTIFIERS
VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes
FEATURES
l
Electrically Isolated Metal Case for
Maximum Heat Dissipation
l
Surge Overload Ratings to 400
Amperes
l
These bridges are on the U/L
Recognized Products List for currents
of 10, 25 and 35 amperes
MECHANICAL DATA
Case: Metal, electrically isolated
Terminals: Plated .25” FASTON
or wire Lead 40 mils
Weight: 1 ounce, 30 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
-00
-01
-02
-04
-06
-08
UNITS
Max Recurrent Peak Reverse Voltage
50
100
200
400
600
800
V
Max RMS Input Voltage
35
70
140
280
420
560
V
Max DC Blocking Voltage
50
100
200
400
600
800
V
CM10
10
A
CM15
15
A
CM25
25
A
Max Average Forward Current*
for Resistive Load
at TC=55
CM35
35
A
CM10
200
A
CM15
300
A
CM25
300
A
Non-repetitive
Peak Forward Surge Current at
Rated Load
CM35
400
A
CM10
5A
CM15 IF 7.5A
CM25 12.5A
Max Forward Voltage
per Bridge Element at
Specified Current
CM35 17.5A
1.2
V
Max Reverse Leakage Current at Rated DC Blocking
Voltage
10
A
CM10
CM15 / CM35
I
2t Rating for fusing ( t < 8.3ms )
CM25
374 / 664
A
2s
CM-25
CM-25W


Similar Part No. - CM2508

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CM2508 PANJIT-CM2508 Datasheet
65Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes)
More results

Similar Description - CM2508

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP40-005 FRONTIER-BP40-005 Datasheet
130Kb / 2P
   40A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP35-005 FRONTIER-BP35-005 Datasheet
183Kb / 2P
   35A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP50-005 FRONTIER-BP50-005 Datasheet
128Kb / 2P
   50A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP50-005G FRONTIER-BP50-005G Datasheet
128Kb / 2P
   50A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP15-005 FRONTIER-BP15-005 Datasheet
129Kb / 2P
   15A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP25-005G FRONTIER-BP25-005G Datasheet
129Kb / 2P
   25A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP35-005F FRONTIER-BP35-005F Datasheet
123Kb / 2P
   35A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP15-005G FRONTIER-BP15-005G Datasheet
129Kb / 2P
   15A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP35-005G FRONTIER-BP35-005G Datasheet
129Kb / 2P
   35A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP40-005G FRONTIER-BP40-005G Datasheet
129Kb / 2P
   40A HIGH CURRENT SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com