Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QW010A0A1Z Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # QW010A0A1Z
Description  36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QW010A0A1Z Datasheet(HTML) 4 Page - Lineage Power Corporation

  QW010A0A1Z Datasheet HTML 1Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 2Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 3Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 4Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 5Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 6Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 7Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 8Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Tyco Electronics Power Systems
4
Data Sheet
August 22, 2006
36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
QW010/015/020 Series Power Modules: dc-dc Converters;
Electrical Specifications (continued)
Isolation Specifications
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dynamic Response
(di/dt = 0.1 A/µs, VI = 48 V, TA = 25 °C)
Cout = 220µF Electrolytic and 1µF tantalum.
Load Change from IO = 50% to 75% of IO, max,
Peak Deviation
Settling Time (VO < 10% of peak deviation)
Load Change from IO = 50% to 25% of IO, max,
Peak Deviation
Settling Time (VO < 10% of peak deviation)
All
All
All
All
200
0.2
200
0.2
mV
ms
mV
ms
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
Ciso
1000
PF
Isolation Resistance
Riso
10
M
Isolation Voltage
Viso
1500
Vdc
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max TA = 25 °C)
Tyco RIN (Reliability Infomation Notebook) Method
3,178,000
Hours
Weight
27.4(0.97)
g (oz.)


Similar Part No. - QW010A0A1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
More results

Similar Description - QW010A0A1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QRW040A0S1R01 LINEAGEPOWER-QRW040A0S1R01 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
   36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
logo
Bel Fuse Inc.
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
QME48T20120 BEL-QME48T20120 Datasheet
1Mb / 15P
   36-75 VDC Input; 12 VDC @ 20 A Output
SQE48T20120 BEL-SQE48T20120 Datasheet
1Mb / 14P
   36-75 VDC Input; 12.0 VDC @ 20 A Output
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
logo
Lineage Power Corporati...
NH033 LINEAGEPOWER-NH033 Datasheet
6Mb / 20P
   Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
logo
Bel Fuse Inc.
SQE48T40025 BEL-SQE48T40025 Datasheet
1Mb / 13P
   36-75 VDC Input; 2.5 VDC @ 40 A Output
SQE48T17060 BEL-SQE48T17060 Datasheet
1Mb / 13P
   36-75 VDC Input; 6.0 VDC @ 17 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com