Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QW010A0A1Z Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # QW010A0A1Z
Description  36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QW010A0A1Z Datasheet(HTML) 2 Page - Lineage Power Corporation

  QW010A0A1Z Datasheet HTML 1Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 2Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 3Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 4Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 5Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 6Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 7Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 8Page - Lineage Power Corporation QW010A0A1Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Tyco Electronics Power Systems
2
Data Sheet
August 22, 2006
36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
QW010/015/020 Series Power Modules: dc-dc Converters;
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only, functional operation of the device is not implied at these or any other conditions in excess of those given in the
operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the
device reliabiltiy.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple stand-alone operation to an integrated
part of a sophisticated power architecture. To preserve maximum flexibility, internal fusing is not included however, to achieve
maximum safety and system protection, always use an input line fuse. The safety agencies require a time-delay fuse with a
maximum rating of 5 A (see Safety Considerations section). Based on the information provided in this data sheet on inrush
energy and maximum dc input current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s
data sheet for further information.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage:Continuous
Transient (100ms)
All
All
VI
VI, trans
75
100
Vdc
Vdc
Operating Ambient Temperature
(See Thermal Considerations section)
All
TA
–40
85
°C
Storage Temperature
All
Tstg
–55
125
°C
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
36
48
75
Vdc
Maximum Input Current
(VI = 0 V to 75 V; IO = IO, max)
All
II, max
2.0
Adc
Inrush Transient
All
I2t0.2
A2s
Input Reflected Ripple Current, peak-peak
(5 Hz to 20 MHz, 12 µH source impedance
See Test configuration section)
All
II
10
mAp-p
Input Ripple Rejection (120 Hz)
All
50
dB


Similar Part No. - QW010A0A1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
More results

Similar Description - QW010A0A1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QRW040A0S1R01 LINEAGEPOWER-QRW040A0S1R01 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
   36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
logo
Bel Fuse Inc.
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
QME48T20120 BEL-QME48T20120 Datasheet
1Mb / 15P
   36-75 VDC Input; 12 VDC @ 20 A Output
SQE48T20120 BEL-SQE48T20120 Datasheet
1Mb / 14P
   36-75 VDC Input; 12.0 VDC @ 20 A Output
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
logo
Lineage Power Corporati...
NH033 LINEAGEPOWER-NH033 Datasheet
6Mb / 20P
   Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
logo
Bel Fuse Inc.
SQE48T40025 BEL-SQE48T40025 Datasheet
1Mb / 13P
   36-75 VDC Input; 2.5 VDC @ 40 A Output
SQE48T17060 BEL-SQE48T17060 Datasheet
1Mb / 13P
   36-75 VDC Input; 6.0 VDC @ 17 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com