Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41041A3337M000 Datasheet(PDF) 10 Page - EPCOS

Part # B41041A3337M000
Description  Aluminum electrolytic capacitors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41041A3337M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B41041A3337M000 Datasheet HTML 6Page - EPCOS B41041A3337M000 Datasheet HTML 7Page - EPCOS B41041A3337M000 Datasheet HTML 8Page - EPCOS B41041A3337M000 Datasheet HTML 9Page - EPCOS B41041A3337M000 Datasheet HTML 10Page - EPCOS B41041A3337M000 Datasheet HTML 11Page - EPCOS B41041A3337M000 Datasheet HTML 12Page - EPCOS B41041A3337M000 Datasheet HTML 13Page - EPCOS B41041A3337M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Single-ended capacitors
B41041, B43041
Low impedance – 105
°C
10 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes B41041
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
Z
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
16
10
5
× 11
2.5
92
B41041A4106M***
15
5
× 11
2.2
98
B41041A4156M***
22
5
× 11
1.9
105
B41041A4226M***
33
5
× 11
1.5
120
B41041A4336M***
47
5
× 11
1.2
130
B41041A4476M***
68
6.3
× 11
1
150
B41041A4686M***
100
6.3
× 11
0.58
220
B41041A4107M***
150
8
× 11.5
0.5
240
B41041A4157M***
220
8
× 11.5
0.47
290
B41041A4227M***
330
8
× 11.5
0.39
315
B41041A4337M***
470
10
× 12.5
0.23
500
B41041A4477M***
680
10
× 16
0.17
610
B41041A4687M***
1000
10
× 20
0.12
825
B41041A4108M***
1500
12.5
× 20
0.1
1000
B41041A4158M***
2200
12.5
× 25
0.068
1300
B41041A4228M***
3300
16
× 25
0.056
1740
B41041A4338M***
4700
16
× 31.5
0.045
2110
B41041A4478M***
6800
18
× 35.5
0.036
2580
B41041A4688M***
25
4.7
5
× 11
3
85
B41041A5475M***
6.8
5
× 11
2.7
88
B41041A5685M***
10
5
× 11
2.5
92
B41041A5106M***
15
5
× 11
2.2
98
B41041A5156M***
22
5
× 11
1.9
105
B41041A5226M***
33
5
× 11
1.5
120
B41041A5336M***
47
5
× 11
1.2
130
B41041A5476M***
68
6.3
× 11
0.8
150
B41041A5686M***
100
6.3
× 11
0.58
220
B41041A5107M***
150
8
× 11.5
0.5
260
B41041A5157M***
220
8
× 11.5
0.39
315
B41041A5227M***
330
10
× 12.5
0.23
500
B41041A5337M***
470
10
× 16
0.18
615
B41041A5477M***
680
12.5
× 20
0.14
830
B41041A5687M***
1000
12.5
× 20
0.09
1050
B41041A5108M***
1500
16
× 25
0.08
1200
B41041A5158M***
2200
16
× 25
0.056
1740
B41041A5228M***
3300
16
× 31.5
0.045
2110
B41041A5338M***
4700
18
× 35.5
0.036
2580
B41041A5478M***
AEC-C_B41041_B43041.book Seite 10 Dienstag, 5. August 2008 4:02 16


Similar Part No. - B41041A3337M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41042 EPCOS-B41042 Datasheet
528Kb / 23P
   Aluminum electrolytic capacitors
B41042A0106M000 EPCOS-B41042A0106M000 Datasheet
528Kb / 23P
   Aluminum electrolytic capacitors
B41042A0106M016 EPCOS-B41042A0106M016 Datasheet
528Kb / 23P
   Aluminum electrolytic capacitors
B41042A0107M000 EPCOS-B41042A0107M000 Datasheet
528Kb / 23P
   Aluminum electrolytic capacitors
B41042A0107M016 EPCOS-B41042A0107M016 Datasheet
528Kb / 23P
   Aluminum electrolytic capacitors
More results

Similar Description - B41041A3337M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com