Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QW020A0G1Z Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # QW020A0G1Z
Description  36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QW020A0G1Z Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button QW020A0G1Z Datasheet HTML 7Page - Lineage Power Corporation QW020A0G1Z Datasheet HTML 8Page - Lineage Power Corporation QW020A0G1Z Datasheet HTML 9Page - Lineage Power Corporation QW020A0G1Z Datasheet HTML 10Page - Lineage Power Corporation QW020A0G1Z Datasheet HTML 11Page - Lineage Power Corporation QW020A0G1Z Datasheet HTML 12Page - Lineage Power Corporation QW020A0G1Z Datasheet HTML 13Page - Lineage Power Corporation QW020A0G1Z Datasheet HTML 14Page - Lineage Power Corporation QW020A0G1Z Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Tyco Electronics Power Systems
11
Data Sheet
August 22, 2006
36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
QW010/015/020 Series Power Modules: dc-dc Converters;
Characteristic Curves
The following figures provide typical characteristics curves for the QW010A0A1(VO = 5.0 V) module at room temperature (TA =
25 °C)
Figure 31. Input Voltage and Current Characteristics.
Figure 32. Converter Efficiency vs. Output Current.
Figure 33. Output Ripple Voltage (IO = IO, max).
Figure 34. Transient Response to Step Decrease in
Load from 50% to 25% of Full Load
(VI = 48 Vdc).
Figure 35. Transient Response to Step Increase in Load
from 50% to 75% of Full Load
(VI = 48 Vdc).
Figure 36. Start-up from Remote On/Off (IO = IO, max).
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE, VI (V)
IO = 10A
IO = 5A
IO = 0A
70
75
80
85
90
95
01
234
5
678
9
10
OUTPUT CURRENT, IO (A)
VI = 36V
VI = 48V
VI = 75V
TIME, t (1 µs/div)
TIME, t (100 µs/div)
TIME, t (100 µs/div)
TIME, t (10 ms/div)


Similar Part No. - QW020A0G1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QW020A0G71-H LINEAGEPOWER-QW020A0G71-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
More results

Similar Description - QW020A0G1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QRW040A0S1R01 LINEAGEPOWER-QRW040A0S1R01 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
   36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
logo
Bel Fuse Inc.
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
QME48T20120 BEL-QME48T20120 Datasheet
1Mb / 15P
   36-75 VDC Input; 12 VDC @ 20 A Output
SQE48T20120 BEL-SQE48T20120 Datasheet
1Mb / 14P
   36-75 VDC Input; 12.0 VDC @ 20 A Output
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
logo
Lineage Power Corporati...
NH033 LINEAGEPOWER-NH033 Datasheet
6Mb / 20P
   Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
logo
Bel Fuse Inc.
SQE48T40025 BEL-SQE48T40025 Datasheet
1Mb / 13P
   36-75 VDC Input; 2.5 VDC @ 40 A Output
SQE48T17060 BEL-SQE48T17060 Datasheet
1Mb / 13P
   36-75 VDC Input; 6.0 VDC @ 17 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com