Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QW015A0F Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # QW015A0F
Description  36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QW015A0F Datasheet(HTML) 5 Page - Lineage Power Corporation

  QW015A0F Datasheet HTML 1Page - Lineage Power Corporation QW015A0F Datasheet HTML 2Page - Lineage Power Corporation QW015A0F Datasheet HTML 3Page - Lineage Power Corporation QW015A0F Datasheet HTML 4Page - Lineage Power Corporation QW015A0F Datasheet HTML 5Page - Lineage Power Corporation QW015A0F Datasheet HTML 6Page - Lineage Power Corporation QW015A0F Datasheet HTML 7Page - Lineage Power Corporation QW015A0F Datasheet HTML 8Page - Lineage Power Corporation QW015A0F Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Tyco Electronics Power Systems
5
Data Sheet
August 22, 2006
36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
QW010/015/020 Series Power Modules: dc-dc Converters;
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See
Feature Descriptions for additional information
.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VI = VI,min to VI,max; open collector or compatible, signal
referenced to VI(–) terminal)
Negative Logic: Device Code Suffix “1”:
Logic Low—Module On / Logic High—Module Off
Positive Logic: If Device Code Suffix “1” Is Not Specified:
Logic Low—Module Off / Logic High—Module On
Module Specifications:
On/Off Current—Logic Low
On/Off Voltage—Logic Low
On/Off Voltage—Logic High (Ion/off = 0 mA)
Open Collector Switch Specifications:
Leakage Current During Logic High (Von/off = 15 V)
Output Low Voltage During Logic Low (Ion/off = 1 mA)
All
All
All
All
All
Ion/off
Von/off
Von/off
Ion/off
Von/off
–0.7
1.0
1.2
15
50
1.2
mA
V
V
µA
V
Turn-on Delay and Rise Times
(at 80% of IO, max; TA = 25 °C):
Case 1: On/Off Input Is Set for Logic High and then Input
Power Is Applied (delay from point at which VI = VI, min until
VO = 10% of VO, set).
Case 2: Input Power Is Applied for at Least One Second, and
Then the On/Off Input Is Set to Logic High (delay from point at
which Von/off = 0.9 V until VO = 10% of VO, set).
Output Voltage Rise Time (time for VO to rise from 10% of
VO, nom to 90% of VO, set)
All
All
All
Tdelay
Tdelay
Trise
17
3
13
ms
ms
ms
Output voltage overshoot
(IO = 80% of IO,max, VI = 48 Vdc TA = 25 °C)
All
5
%VO,set
Output Voltage Adjustment (See Feature Descriptions section):
Output Voltage Remote-sense Range
P,M,Y
G,F,A
0.25
10
V
%VO, set
Output Voltage Set-point Adjustment Range (trim)
All
90
110
%VO, set
Output Overvoltage Protection (clamp)
P
M
Y
G
F
A
VO, ovsd
VO, ovsd
VO, ovsd
VO, ovsd
VO, ovsd
VO, ovsd
2.0
2.3
2.3
2.7
3.6
5.5
2.4
2.7
2.7
3.7
4.5
7.2
V
V
V
V
V
V
Overtemperature Protection (VI = 75 V, IO = IO, max)
See Figure 44
All
TQ10 /
TQ560
120
°C
Input Undervoltage Lockout:
Turn-on Threshold
Turn-off Threshold
All
All
33
35
34
36
V
V


Similar Part No. - QW015A0F

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QW015A0F-H LINEAGEPOWER-QW015A0F-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
More results

Similar Description - QW015A0F

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QRW040A0S1R01 LINEAGEPOWER-QRW040A0S1R01 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
   36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
logo
Bel Fuse Inc.
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
QME48T20120 BEL-QME48T20120 Datasheet
1Mb / 15P
   36-75 VDC Input; 12 VDC @ 20 A Output
SQE48T20120 BEL-SQE48T20120 Datasheet
1Mb / 14P
   36-75 VDC Input; 12.0 VDC @ 20 A Output
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
logo
Lineage Power Corporati...
NH033 LINEAGEPOWER-NH033 Datasheet
6Mb / 20P
   Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
logo
Bel Fuse Inc.
SQE48T40025 BEL-SQE48T40025 Datasheet
1Mb / 13P
   36-75 VDC Input; 2.5 VDC @ 40 A Output
SQE48T17060 BEL-SQE48T17060 Datasheet
1Mb / 13P
   36-75 VDC Input; 6.0 VDC @ 17 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com