Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXA016A0X3-SR12Z Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # AXA016A0X3-SR12Z
Description  10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXA016A0X3-SR12Z Datasheet(HTML) 2 Page - Lineage Power Corporation

  AXA016A0X3-SR12Z Datasheet HTML 1Page - Lineage Power Corporation AXA016A0X3-SR12Z Datasheet HTML 2Page - Lineage Power Corporation AXA016A0X3-SR12Z Datasheet HTML 3Page - Lineage Power Corporation AXA016A0X3-SR12Z Datasheet HTML 4Page - Lineage Power Corporation AXA016A0X3-SR12Z Datasheet HTML 5Page - Lineage Power Corporation AXA016A0X3-SR12Z Datasheet HTML 6Page - Lineage Power Corporation AXA016A0X3-SR12Z Datasheet HTML 7Page - Lineage Power Corporation AXA016A0X3-SR12Z Datasheet HTML 8Page - Lineage Power Corporation AXA016A0X3-SR12Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Data Sheet
April 8, 2008
Austin SuperLynxTM 12V SMT Non-isolated Power Modules:
10 – 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
All
VIN
-0.3
15
Vdc
Continuous
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VO,set ≤ VIN – 0.5V
VIN
10.0
12.0
14.0
Vdc
Maximum Input Current
All
IIN,max
9.5
Adc
(VIN=10.0V to 14.0V, IO=IO, max )
Input No Load Current
VO,set = 0.75 Vdc
IIN,No load
40
mA
(VIN = 12.0Vdc, Io = 0, module enabled)
VO,set = 5.0Vdc
IIN,No load
100
mA
Input Stand-by Current
All
IIN,stand-by
2
mA
(VIN = 12.0Vdc, module disabled)
Inrush Transient
All
I
2t
0.4
A
2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 1μH source impedance; VIN, min to
VIN, max, IO= IOmax ; See Test configuration section)
All
30
mAp-p
Input Ripple Rejection (120Hz)
All
30
dB
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to being
part of a complex power architecture. To preserve maximum flexibility, internal fusing is not included, however, to
achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a fast-
acting fuse with a maximum rating of 15 A (see Safety Considerations section). Based on the information provided in
this data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be
used. Refer to the fuse manufacturer’s data sheet for further information.


Similar Part No. - AXA016A0X3-SR12Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXA016A0X3 LINEAGEPOWER-AXA016A0X3 Datasheet
656Kb / 19P
   10 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 16A output current
AXA016A0X3Z LINEAGEPOWER-AXA016A0X3Z Datasheet
656Kb / 19P
   10 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 16A output current
More results

Similar Description - AXA016A0X3-SR12Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXA016A0X3 LINEAGEPOWER-AXA016A0X3 Datasheet
656Kb / 19P
   10 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 16A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA016A0X3 LINEAGEPOWER-ATA016A0X3 Datasheet
687Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
AXA005A0X-SR LINEAGEPOWER-AXA005A0X-SR Datasheet
583Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXA010A0X3-SR LINEAGEPOWER-AXA010A0X3-SR Datasheet
589Kb / 20P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA005A0XZ LINEAGEPOWER-AXA005A0XZ Datasheet
516Kb / 19P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
AXA003A0X LINEAGEPOWER-AXA003A0X Datasheet
578Kb / 18P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 3A output current
ATA010A0X3 LINEAGEPOWER-ATA010A0X3 Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA010A0X3 LINEAGEPOWER-AXA010A0X3 Datasheet
650Kb / 19P
   10Vdc - 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com