Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA016A0X3-SR Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # ATA016A0X3-SR
Description  8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATA016A0X3-SR Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button ATA016A0X3-SR Datasheet HTML 7Page - Lineage Power Corporation ATA016A0X3-SR Datasheet HTML 8Page - Lineage Power Corporation ATA016A0X3-SR Datasheet HTML 9Page - Lineage Power Corporation ATA016A0X3-SR Datasheet HTML 10Page - Lineage Power Corporation ATA016A0X3-SR Datasheet HTML 11Page - Lineage Power Corporation ATA016A0X3-SR Datasheet HTML 12Page - Lineage Power Corporation ATA016A0X3-SR Datasheet HTML 13Page - Lineage Power Corporation ATA016A0X3-SR Datasheet HTML 14Page - Lineage Power Corporation ATA016A0X3-SR Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
November 19, 2008
Austin SuperLynxTM II 12V SMT Non-isolated Power Modules:
8.3 – 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
LINEAGE POWER
11
Design Considerations (continued)
Output Filtering
The Austin SuperLynx
TM II 12V SMT module is designed
for low output ripple voltage and will meet the maximum
output ripple specification with 1 µF ceramic and 10 µF
tantalum capacitors at the output of the module.
However, additional output filtering may be required by
the system designer for a number of reasons. First,
there may be a need to further reduce the output ripple
and noise of the module. Second, the dynamic
response characteristics may need to be customized to
a particular load step change.
To reduce the output ripple and improve the dynamic
response to a step load change, additional capacitance
at the output can be used. Low ESR polymer and
ceramic capacitors are recommended to improve the
dynamic response of the module. For stable operation
of the module, limit the capacitance to less than the
maximum output capacitance as specified in the
electrical specification table.
Safety Considerations
For safety agency approval the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standards,
i.e., UL 60950-1, CSA C22.2 No. 60950-1-03, and VDE
0850:2001-12 (EN60950-1) Licensed.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the
input must meet SELV requirements. The power
module has extra-low voltage (ELV) outputs when all
inputs are ELV.
The input to these units is to be provided with a fast-
acting fuse with a maximum rating of 15A in the
positive input lead
.


Similar Part No. - ATA016A0X3-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA016A0X3 LINEAGEPOWER-ATA016A0X3 Datasheet
687Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA016A0X3Z LINEAGEPOWER-ATA016A0X3Z Datasheet
687Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
More results

Similar Description - ATA016A0X3-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA016A0X3 LINEAGEPOWER-ATA016A0X3 Datasheet
687Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
AXA003A0X LINEAGEPOWER-AXA003A0X Datasheet
578Kb / 18P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 3A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA010A0X3 LINEAGEPOWER-ATA010A0X3 Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
ATA006A0X-SR LINEAGEPOWER-ATA006A0X-SR Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
AXA003A0X-SR LINEAGEPOWER-AXA003A0X-SR Datasheet
701Kb / 20P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 3A output current
AXA016A0X3 LINEAGEPOWER-AXA016A0X3 Datasheet
656Kb / 19P
   10 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 16A output current
AXA005A0X-SR LINEAGEPOWER-AXA005A0X-SR Datasheet
583Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXA010A0X3-SR LINEAGEPOWER-AXA010A0X3-SR Datasheet
589Kb / 20P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com