Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41201B8828M000 Datasheet(PDF) 10 Page - EPCOS

Part # B41201B8828M000
Description  Aluminum electrolytic capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41201B8828M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B41201B8828M000 Datasheet HTML 5Page - EPCOS B41201B8828M000 Datasheet HTML 6Page - EPCOS B41201B8828M000 Datasheet HTML 7Page - EPCOS B41201B8828M000 Datasheet HTML 8Page - EPCOS B41201B8828M000 Datasheet HTML 9Page - EPCOS B41201B8828M000 Datasheet HTML 10Page - EPCOS B41201B8828M000 Datasheet HTML 11Page - EPCOS B41201B8828M000 Datasheet HTML 12Page - EPCOS B41201B8828M000 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
4-pin snap-in capacitors
B41201, B43201
Standard series – 85
°C
10 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
350
180
35
× 20
1.20
B43201D4187M000
220
35
× 35
1.41
B43201D4227M000
270
35
× 25
1.65
B43201C4277M000
330
35
× 30
1.83
B43201C4337M000
390
35
× 35
2.09
B43201B4397M000
470
35
× 40
2.40
B43201B4477M000
560
35
× 45
2.73
B43201A4567M000
680
35
× 50
3.13
B43201A4687M000
400
150
35
× 20
1.09
B43201D9157M000
180
35
× 25
1.28
B43201D9187M000
220
35
× 25
1.41
B43201D9227M000
270
35
× 30
1.65
B43201C9277M000
330
35
× 30
1.83
B43201C9337M000
390
35
× 35
2.09
B43201B9397M000
470
35
× 40
2.40
B43201B9477M000
560
35
× 45
2.73
B43201A9567M000
450
100
35
× 20
0.68
B43201D5107M000
120
35
× 20
0.75
B43201D5127M000
150
35
× 25
0.89
B43201D5157M000
180
35
× 25
0.98
B43201C5187M000
220
35
× 30
1.14
B43201C5227M000
270
35
× 35
1.33
B43201B5277M000
330
35
× 40
1.54
B43201B5337M000
390
35
× 45
1.74
B43201A5397M000
470
35
× 50
1.99
B43201A5477M000
500
270
35
× 45
1.45
B43201A6277M000
330
35
× 50
1.66
B43201A6337M000
Technical data and ordering codes B43201
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
IAC,R
120 Hz
85
°C
A
Ordering code
AEC-C_B41201_B43201.book Seite 10 Mittwoch, 16. April 2008 2:14 14


Similar Part No. - B41201B8828M000

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B412 EDAL-B412 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
B412-10-10 EDAL-B412-10-10 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
B412-10-25 EDAL-B412-10-25 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
B412-10-5 EDAL-B412-10-5 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
B412-12-10 EDAL-B412-12-10 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
More results

Similar Description - B41201B8828M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com