Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSK033A0B41Z Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # QSK033A0B41Z
Description  36 - 60 Vdc Input; 12Vdc Output; 33A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QSK033A0B41Z Datasheet(HTML) 4 Page - Lineage Power Corporation

  QSK033A0B41Z Datasheet HTML 1Page - Lineage Power Corporation QSK033A0B41Z Datasheet HTML 2Page - Lineage Power Corporation QSK033A0B41Z Datasheet HTML 3Page - Lineage Power Corporation QSK033A0B41Z Datasheet HTML 4Page - Lineage Power Corporation QSK033A0B41Z Datasheet HTML 5Page - Lineage Power Corporation QSK033A0B41Z Datasheet HTML 6Page - Lineage Power Corporation QSK033A0B41Z Datasheet HTML 7Page - Lineage Power Corporation QSK033A0B41Z Datasheet HTML 8Page - Lineage Power Corporation QSK033A0B41Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
February 2, 2009
QSK033A0B Series Power Modules; DC-DC Converters
36 – 60 Vdc Input; 12Vdc Output; 33A Output Current
4
LINEAGE POWER
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max , Signal referenced to VIN-
terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module
Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module
On
Logic Low Specification
On/Off Thresholds:
Remote On/Off Current – Logic Low
All
Ion/off
5
10
15
μA
Logic Low Voltage
All
Von/off
-0.3
0.8
Vdc
Logic High Voltage – (Typ = Open Collector)
All
Von/off
2.0
3.5
Vdc
Logic High maximum allowable leakage
current
(Von/off = 2.0V)
All
Ion/off
4.0
μA
Maximum voltage allowed on On/Off pin
All
Von/off
13.5
Vdc
Turn-On Delay and Rise Times
(IO=IO, max)
20
ms
All
Tdelay,
Enable with Vin
Tdelay = Time until VO = 10% of VO,set from either
application of Vin with Remote On/Off set to On
or operation of Remote On/Off from Off to On
with Vin already applied for at least one second.
Tdelay,
Enable with
on/off
5
ms
Trise = Time for VO to rise from 10% of VO,set to
90% of VO,set.
(Min @ VIN,MAX, Typ@ VIN,NOM, Max @ VIN,MIN)
All
Trise
29
40
68
ms
Output Overvoltage Protection (Clamp)
All
13
15
Vdc
Overtemperature Protection
All
Tref
125
°C
(See Feature Descriptions)
Input Undervoltage Lockout
Turn-on Threshold
35
36
Vdc
Turn-off Threshold
32
34
Vdc
Input Overvoltage Lockout
Turn-off Threshold
65
67
Vdc
Turn-on Threshold
62
63
Vdc


Similar Description - QSK033A0B41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com