Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSK033A0B41 Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # QSK033A0B41
Description  36 - 60 Vdc Input; 12Vdc Output; 33A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QSK033A0B41 Datasheet(HTML) 3 Page - Lineage Power Corporation

  QSK033A0B41 Datasheet HTML 1Page - Lineage Power Corporation QSK033A0B41 Datasheet HTML 2Page - Lineage Power Corporation QSK033A0B41 Datasheet HTML 3Page - Lineage Power Corporation QSK033A0B41 Datasheet HTML 4Page - Lineage Power Corporation QSK033A0B41 Datasheet HTML 5Page - Lineage Power Corporation QSK033A0B41 Datasheet HTML 6Page - Lineage Power Corporation QSK033A0B41 Datasheet HTML 7Page - Lineage Power Corporation QSK033A0B41 Datasheet HTML 8Page - Lineage Power Corporation QSK033A0B41 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
February 2, 2009
QSK033A0B Series Power Modules; DC-DC Converters
36 – 60 Vdc Input; 12Vdc Output; 33A Output Current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
(VIN=VIN,nom, IO=15A, Ta =25°C)
All
VO, set
12
Vdc
Output Voltage
(Over all operating input voltage, resistive load,
and temperature conditions until end of life)
VO
11.4
12.6
Vdc
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
24
36
mV
Load (IO=IO, min to IO, max)
All
360
600
mV
Temperature (TA = -40ºC to +85ºC)
All
250
mV
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max)
RMS (5Hz to 20MHz bandwidth)
All
70
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
200
mVpk-pk
External Capacitance
All
CO, max
0
10,000
μF
Output Current
All
Io
0
33
Adc
Output Current Limit Inception
All
IO, lim
40
Adc
Efficiency
VIN=VIN, nom, TA=25°C
IO=IO, max , VO= VO,set
All
η
94
%
Switching Frequency (input ripple is ½ fsw)
fsw
300
kHz
Dynamic Load Response
(dIo/dt=1A/10
μs; Vin=Vin,nom; TA=25°C; Tested
with a 10 μF aluminum and a 1.0 μF tantalum
capacitor across the load.)
Load Change from Io= 50% to 75% of Io,max:
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
Vpk
ts
__
300
700
__
mVpk
μs
Load Change from Io= 75% to 50% of Io,max:
Peak Deviation
Settling Time (Vo<10% peak deviation)
Vpk
ts
__
__
300
700
__
mVpk
μs
Isolation Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
Ciso
1000
pF
Isolation Resistance
Riso
10
MΩ
General Specifications
Parameter
Device
Min
Typ
Max
Unit
MTBF
All
2,459,214
Hours
Calculated Reliability Based upon Telcordia SR-
332 Issue 2: Method I, Case 1, (IO=80%IO, max,
TA=40°C, Airflow = 200 lfm), 90% confidence
FIT
All
406.6
10
9/Hours
Weight – Open Frame
49 (1.73)
g (oz.)
Weight – with Baseplate option
64 (2.24)
g (oz.)


Similar Description - QSK033A0B41

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com