Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QRW025A0M1 Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # QRW025A0M1
Description  36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QRW025A0M1 Datasheet(HTML) 3 Page - Lineage Power Corporation

  QRW025A0M1 Datasheet HTML 1Page - Lineage Power Corporation QRW025A0M1 Datasheet HTML 2Page - Lineage Power Corporation QRW025A0M1 Datasheet HTML 3Page - Lineage Power Corporation QRW025A0M1 Datasheet HTML 4Page - Lineage Power Corporation QRW025A0M1 Datasheet HTML 5Page - Lineage Power Corporation QRW025A0M1 Datasheet HTML 6Page - Lineage Power Corporation QRW025A0M1 Datasheet HTML 7Page - Lineage Power Corporation QRW025A0M1 Datasheet HTML 8Page - Lineage Power Corporation QRW025A0M1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Lineage Power
3
Data Sheet
March 27, 2008
36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
QRW025 Series Power Modules; dc-dc Converters
Electrical Specifications (continued)
Output Specifications for the QRW025A0P (Vo = 1.2Vdc)
Isolation Specifications
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = 48 Vdc; IO = IO, min to IO, max, TA = 25 °C)
P
Vo
1.18
1.2
1.22
Vdc
Output Voltage
(Over all operating input voltage, resistive load, and
temperature conditions at steady state until end of life.)
P
Vo
1.15
1.25
Vdc
Output Regulation:
Line (VI = VI, min to VI, max)
Load (IO = IO, min to IO, max)
Temperature (TA = TA, min to TA, max)
P—
0.05
0.05
5
0.3
0.3
20
%, VO, set
%, VO, set
mV
Output Ripple and Noise
RMS (5 Hz to 20 MHz bandwidth)
Peak-to-peak (5 Hz to 20 MHz bandwidth)
P—
30
100
mVrms
mVp-p
External Load Capacitance
25,000
µF
Output Current
(Vo =90% of VO, nom.)
PIO
0.0
25
Adc
Output Current-limit Inception
(VO = 90% of VO, set)
P
IO, lim
29
Adc
Output Short-circuit Current (Average)VO = 0.25 V
Latched off
Efficiency
(VI = VIN, nom; IO = IO, max), TA = 25 °C
η
—85
%
Switching Frequency
All
fSW
300
kHz
Dynamic Response
(
ΔIO/Δt = 1 A/10 µs, VI = 48 V, TA = 25 °C); tested
with a 220 µF aluminium and a 1.0 µf ceramic
capacitor across the load.):
Load Change from
IO = 50% to 75% of IO, max:
Peak Deviation
Settling Time
(VO < 10% of peak deviation)
Load Change from IO = 50% to 25%
of IO, max :
Peak Deviation
Settling Time
(VO < 10% of peak deviation)
8
200
8
200
mV
µs
mV
µs
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
Ciso
5600
PF
Isolation Resistance
Riso
10
MW
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max TA = 40 °C)
1,771,000
Hours
Weight
37(1.31)
g (oz.)


Similar Part No. - QRW025A0M1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
QRW025A0A1 MACOM-QRW025A0A1 Datasheet
233Kb / 2P
   QRW 40A single output series
logo
Lineage Power Corporati...
QRW025A0A1 LINEAGEPOWER-QRW025A0A1 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0A1Z LINEAGEPOWER-QRW025A0A1Z Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QRW025A0A641 LINEAGEPOWER-QRW025A0A641 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
More results

Similar Description - QRW025A0M1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
logo
Lineage Power Corporati...
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Bel Fuse Inc.
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
logo
Lineage Power Corporati...
QW020A0P1 LINEAGEPOWER-QW020A0P1 Datasheet
425Kb / 24P
   36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
JQW013A0AZ LINEAGEPOWER-JQW013A0AZ Datasheet
287Kb / 15P
   36 to 75 Vdc Input; Single Output up to 25A
logo
Bel Fuse Inc.
SSQE48T15033 BEL-SSQE48T15033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 15 A, 50 W Output
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Bel Fuse Inc.
QM48T45 BEL-QM48T45 Datasheet
2Mb / 35P
   36-75 VDC Input; 1.0 - 3.3 VDC @ 45 A Output (150 W)
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
   36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com