Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPW060A0G1 Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # QPW060A0G1
Description  36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QPW060A0G1 Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button QPW060A0G1 Datasheet HTML 4Page - Lineage Power Corporation QPW060A0G1 Datasheet HTML 5Page - Lineage Power Corporation QPW060A0G1 Datasheet HTML 6Page - Lineage Power Corporation QPW060A0G1 Datasheet HTML 7Page - Lineage Power Corporation QPW060A0G1 Datasheet HTML 8Page - Lineage Power Corporation QPW060A0G1 Datasheet HTML 9Page - Lineage Power Corporation QPW060A0G1 Datasheet HTML 10Page - Lineage Power Corporation QPW060A0G1 Datasheet HTML 11Page - Lineage Power Corporation QPW060A0G1 Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Data Sheet
March 27, 2008
QPW050/060 Series Power Modules; DC-DC converters
36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
LINEAGE POWER
8
Characteristic Curves
The following figures provide typical characteristics for the QPW060A0Y (1.8V, 60A) at 25ºC. The figures are
identical for either positive or negative Remote On/Off logic.
INPUT VOLTAGE, VO (V)
TIME, t (2.5 ms/div)
Figure 13. Typical Input Characteristic at Room
Temperature.
Figure 16. Typical Start-Up Using Remote On/Off,
negative logic version shown.
OUTPUT CURRENT, IO (A)
TIME, t (500 μs/div)
Figure 14. Typical Converter Efficiency Vs. Output
current at Room Temperature.
Figure 17. Typical Transient Response to Step
change in Load from 50% to 25%of Full Load at
Room Temperature and 48 Vdc Input.
TIME, t (2.5
μs/div)
TIME, t (500 μs/div)
Figure 15. Typical Output Ripple and Noise at Room
Temperature and Io = Io, max.
Figure 18. Typical Transient Response to Step change
in Load from 50% to 75% of Full Load at Room
Temperature and 48 Vdc Input.
36 Vin
48 Vin
75 Vin
0
0.5
1
1.5
2
2.5
3
3.5
4
25
35
45
55
65
75
Io = 0 A
Io = 30 A
Io = 60 A
81
83
85
87
89
91
5 1015202530 354045505560
Vi = 36 V
Vi = 48 V
Vi = 75 V


Similar Part No. - QPW060A0G1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
QPW025A0F41-H LINEAGEPOWER-QPW025A0F41-H Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
QPW025A0F64 LINEAGEPOWER-QPW025A0F64 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
More results

Similar Description - QPW060A0G1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
logo
Astec America, Inc
APA06 ASTEC-APA06_02 Datasheet
182Kb / 15P
   3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
logo
Lineage Power Corporati...
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com