Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41201D3339M000 Datasheet(PDF) 7 Page - EPCOS

Part # B41201D3339M000
Description  Aluminum electrolytic capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41201D3339M000 Datasheet(HTML) 7 Page - EPCOS

Back Button B41201D3339M000 Datasheet HTML 3Page - EPCOS B41201D3339M000 Datasheet HTML 4Page - EPCOS B41201D3339M000 Datasheet HTML 5Page - EPCOS B41201D3339M000 Datasheet HTML 6Page - EPCOS B41201D3339M000 Datasheet HTML 7Page - EPCOS B41201D3339M000 Datasheet HTML 8Page - EPCOS B41201D3339M000 Datasheet HTML 9Page - EPCOS B41201D3339M000 Datasheet HTML 10Page - EPCOS B41201D3339M000 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
4-pin snap-in capacitors
B41201, B43201
Standard series – 85
°C
7
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and ordering codes B41201
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
IAC,R
120 Hz
85
°C
A
Ordering code
10
33000
35
× 25
5.81
B41201D3339M000
39000
35
× 30
6.38
B41201C3399M000
47000
35
× 30
6.62
B41201C3479M000
56000
35
× 35
7.18
B41201B3569M000
68000
35
× 40
7.76
B41201A3689M000
16
27000
35
× 25
5.80
B41201C4279M000
33000
35
× 30
6.41
B41201B4339M000
39000
35
× 35
6.96
B41201B4399M000
47000
35
× 40
7.54
B41201B4479M000
56000
35
× 45
8.08
B41201A4569M000
68000
35
× 50
8.63
B41201A4689M000
25
22000
35
× 30
5.51
B41201B5229M000
27000
35
× 35
6.12
B41201B5279M000
33000
35
× 40
6.74
B41201B5339M000
39000
35
× 45
7.35
B41201A5399M000
35
12000
35
× 30
5.24
B41201B7129M000
15000
35
× 35
5.88
B41201B7159M000
18000
35
× 40
6.46
B41201B7189M000
22000
35
× 45
7.07
B41201A7229M000
50
4700
35
× 25
4.19
B41201D6478M000
5600
35
× 25
4.44
B41201D6568M000
6800
35
× 30
5.04
B41201D6688M000
8200
35
× 30
5.26
B41201C6828M000
10000
35
× 35
5.97
B41201B6109M000
12000
35
× 40
6.55
B41201B6129M000
15000
35
× 45
7.20
B41201A6159M000
18000
35
× 50
7.74
B41201A6189M000
63
4700
35
× 30
4.19
B41201D8478M000
5600
35
× 30
4.70
B41201C8568M000
6800
35
× 30
5.04
B41201C8688M000
8200
35
× 35
5.53
B41201B8828M000
10000
35
× 40
6.25
B41201B8109M000
12000
35
× 45
6.83
B41201A8129M000
AEC-C_B41201_B43201.book Seite 7 Mittwoch, 16. April 2008 2:14 14


Similar Part No. - B41201D3339M000

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B412 EDAL-B412 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
B412-10-10 EDAL-B412-10-10 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
B412-10-25 EDAL-B412-10-25 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
B412-10-5 EDAL-B412-10-5 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
B412-12-10 EDAL-B412-12-10 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
More results

Similar Description - B41201D3339M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com