Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32343C3051A080 Datasheet(PDF) 2 Page - EPCOS

Part # B32343C3051A080
Description  Film capacitors - Power Factor Correction
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32343C3051A080 Datasheet(HTML) 2 Page - EPCOS

  B32343C3051A080 Datasheet HTML 1Page - EPCOS B32343C3051A080 Datasheet HTML 2Page - EPCOS B32343C3051A080 Datasheet HTML 3Page - EPCOS B32343C3051A080 Datasheet HTML 4Page - EPCOS B32343C3051A080 Datasheet HTML 5Page - EPCOS B32343C3051A080 Datasheet HTML 6Page - EPCOS B32343C3051A080 Datasheet HTML 7Page - EPCOS B32343C3051A080 Datasheet HTML 8Page - EPCOS B32343C3051A080 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Film capacitors – Power Factor Correction
B32343C****A***
PhiCap capacitors
B32343C / MKPxxx-D
FK PC PM PFC
March 2009
Please read Cautions and warnings and
Page 2 of 12
Important notes at the end of this document.
Construction
Dielectric: metallized polypropylene film
Semi-dry; biodegradable soft resin; non-PCB
Case: extruded round aluminum can with
stud
Mounting and grounding: threaded stud on
bottom of can
M 8 (4 Nm/ Ø 53mm), M 12 (10 Nm/ Ø
63.5mm)
Degree of protection: IP20 (optionally IP54
with terminal cover)
Terminals: Fast on terminals
Features
Three-phase, delta-connected provided with
discharge resistors
Dual safety system: overpressure
disconnector, self-healing technology
file # E106388
C22.2 Nº190 MC # 236094
Naturally air cooled (or forced air cooling)
Indoor mounting
Dimensional drawing
Characteristics
Rated capacitance CR and QR
According to specification table
Tolerance
–5/+10%
Connection
D (Delta)
Rated voltage VR
According to specification table
Rated frequency fR
50/60 Hz
C
US


Similar Part No. - B32343C3051A080

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32343C EPCOS-B32343C Datasheet
135Kb / 6P
   Power Capacitors Power Factor Correction
B32343C2002A530 EPCOS-B32343C2002A530 Datasheet
108Kb / 7P
   Capacitors for Power Factor Correction PhiCap Metallized Polypropylene Film Capacitor 3-Phase
B32343C2002A530 EPCOS-B32343C2002A530 Datasheet
135Kb / 6P
   Power Capacitors Power Factor Correction
B32343C2002A730 EPCOS-B32343C2002A730 Datasheet
108Kb / 7P
   Capacitors for Power Factor Correction PhiCap Metallized Polypropylene Film Capacitor 3-Phase
B32343C2002A730 EPCOS-B32343C2002A730 Datasheet
135Kb / 6P
   Power Capacitors Power Factor Correction
More results

Similar Description - B32343C3051A080

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com