Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBK025A0B741-BH Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # QBK025A0B741-BH
Description  36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBK025A0B741-BH Datasheet(HTML) 3 Page - Lineage Power Corporation

  QBK025A0B741-BH Datasheet HTML 1Page - Lineage Power Corporation QBK025A0B741-BH Datasheet HTML 2Page - Lineage Power Corporation QBK025A0B741-BH Datasheet HTML 3Page - Lineage Power Corporation QBK025A0B741-BH Datasheet HTML 4Page - Lineage Power Corporation QBK025A0B741-BH Datasheet HTML 5Page - Lineage Power Corporation QBK025A0B741-BH Datasheet HTML 6Page - Lineage Power Corporation QBK025A0B741-BH Datasheet HTML 7Page - Lineage Power Corporation QBK025A0B741-BH Datasheet HTML 8Page - Lineage Power Corporation QBK025A0B741-BH Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
March 27, 2008
QBK025A0B DC-DC Power Modules:
36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
12
VO, set
12
Vdc
(VIN=VIN,nom, IO=15A, Ta =25°C)
Output Voltage
VO
11.4
12.6
Vdc
(Over all operating input voltage, resistive
load, and temperature conditions until end of
life)
Output Regulation
Line (VIN = VIN, min to VIN, max)
All
0.2
%Vo
Load (IO = IO, min to IO, max)
All
3
%Vo
Temperature (Tref =TA, min to TA, max)
All
150
mV
Output Ripple and Noise on nominal output
(VIN =VIN, nom and IO = IO, min to IO, max,
RMS (5Hz to 20MHz bandwidth)
All
70
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
200
mVpk-pk
External Capacitance
All
CO, max
10,000
μF
Output Current
12V
Io
0
25
Adc
Output Current Limit Inception (Hiccup Mode)
(Vo = 90% Vo, set )
12V
IO, lim
28.5
Adc
Efficiency
12V
η
__
94
%
VIN= 48V, TA=25°C, IO= IO, max
Switching Frequency
fsw
300
KHz
Dynamic Load Response
(dIO/dt=0.1A/μs; VIN=VIN, nom; TA=25°C)
Load change from IO = 50% to 75% of IO, max
Peak Deviation
12V
Vpk
2
% VO
Settling Time (VO<10% peak deviation)
ts
200
μs
Load change from IO = 50% to 25% of IO, max,
Peak Deviation
12V
Vpk
2
% VO
Settling Time (VO<10% peak deviation)
ts
200
μs
Isolation Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
Ciso
2000
pF
Isolation Resistance
Riso
10
MΩ
General Specifications
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO=80% of IO, max, TA=25°C,
airflow=1m/s(200LFM))
2,600,000
Hours
Weight
44 (1.55)
g (oz.)


Similar Part No. - QBK025A0B741-BH

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
QBK020A0B1Z LINEAGEPOWER-QBK020A0B1Z Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
More results

Similar Description - QBK025A0B741-BH

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
QSK033A0B41 LINEAGEPOWER-QSK033A0B41 Datasheet
405Kb / 15P
   36 - 60 Vdc Input; 12Vdc Output; 33A Output Current
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
QUK240S9R041Z LINEAGEPOWER-QUK240S9R041Z Datasheet
266Kb / 14P
   36 - 55Vdc input; 9Vdc Output; 240W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com