Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-9640BMLG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-9640BMLG
Description  1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9640BMLG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-9640BMLG Datasheet HTML 1Page - Optoway Technology Inc SPB-9640BMLG Datasheet HTML 2Page - Optoway Technology Inc SPB-9640BMLG Datasheet HTML 3Page - Optoway Technology Inc SPB-9640BMLG Datasheet HTML 4Page - Optoway Technology Inc SPB-9640BMLG Datasheet HTML 5Page - Optoway Technology Inc SPB-9640BMLG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-9640MG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V1.0
1
SPB-9640MG / SPB-9640BMG / SPB-9640AMG
(SC BIDI SFP)
(RoHS Compliant)
SPB-9640MLG / SPB-9640BMLG / SPB-9640AMLG
(LC BIDI SFP)
1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPB-9640MG
l Simplex LC Connector: SPB-9640MLG
l Up to 2.67 Gb/s bi-directional data links
l Multirate for SONET OC-48 / SDH STM-16, Fibre
Channel 1x/2x, and 1000BASE
l 1310 nm DFB LD Transmitter
l 1550 nm Receiver
l Distance Up to 40 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: SPB-9640MG
l -10 to 85oC Operating: SPB-9640BMG
l -40 to 85oC Operating: SPB-9640AMG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM OC-48 / STM-16 Links
l Gigabit Ethernet Interconnect
l Fibre Channel Links
DESCRIPTION
The SPB-9640MG series is high performance module for
OC-48 / STM-16 and Gigabit Ethernet 1000BASE single
fiber communications by using 1310 nm transmitter and
1550 nm receiver. It is with the SFP 20-pin connector to
allow hot plug capability. The transmitter section uses a
multiple quantum well 1310 nm DFB laser and is a class 1
laser compliant according to International Safety Standard
IEC 60825. The receiver section is designed to receive 1550
nm signal. The receiver section uses an integrated 1550 nm
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-9640MG
Multirate*
40
1310 DFB
1550
SC SFP
0 to 70
3 to -2
-20
Yes
SPB-9640BMG
Multirate*
40
1310 DFB
1550
SC SFP
-10 to 85
3 to -2
-20
Yes
SPB-9640AMG
Multirate*
40
1310 DFB
1550
SC SFP
-40 to 85
3 to -2
-20
Yes
SPB-9640MLG
Multirate*
40
1310 DFB
1550
LC SFP
0 to 70
3 to -2
-20
Yes
SPB-9640BMLG
Multirate*
40
1310 DFB
1550
LC SFP
-10 to 85
3 to -2
-20
Yes
SPB-9640AMLG
Multirate*
40
1310 DFB
1550
LC SFP
-40 to 85
3 to -2
-20
Yes
Multirate*: 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3.


Similar Part No. - SPB-9640BMLG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9640BMLG OPTOWAY-SPB-9640BMLG Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
More results

Similar Description - SPB-9640BMLG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9720MG OPTOWAY-SPB-9720MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9620MG OPTOWAY-SPB-9620MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9705MG OPTOWAY-SPB-9705MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9605MG OPTOWAY-SPB-9605MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPM-9600MG OPTOWAY-SPM-9600MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
SPB-9720MWG OPTOWAY-SPB-9720MWG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9740MWG OPTOWAY-SPB-9740MWG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9605MWG OPTOWAY-SPB-9605MWG Datasheet
178Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9705MWG OPTOWAY-SPB-9705MWG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com