Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR006A0X4-49Z Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # NSR006A0X4-49Z
Description  4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 6A output current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NSR006A0X4-49Z Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button NSR006A0X4-49Z Datasheet HTML 7Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 8Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 9Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 10Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 11Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 12Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 13Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 14Page - Lineage Power Corporation NSR006A0X4-49Z Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
July 29, 2009
Naos Raptor 6A: Non-isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.59Vdc to 6Vdc Output; 6A output current
LINEAGE POWER
11
Characteristic Curves
The following figures provide typical characteristics for the Naos Raptor 6A module at 6Vout and at 25ºC.
70
75
80
85
90
95
100
01
23
45
6
Vin = 7V
Vin = 12V
Vin = 14V
3
4
5
6
7
25
35
45
55
65
75
85
NC
0.5m/s
(100LFM)
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 37. Converter Efficiency versus Output Current.
Figure 38. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (100
μs /div)
Figure 39. Typical output ripple and noise (VIN = 12V, Io
= Io,max).
Figure 40. Transient Response to Dynamic Load
Change from 0% to 50% to 0% with VIN=12V.
TIME, t (1ms/div)
TIME, t (1ms/div)
Figure 41. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 42. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).


Similar Part No. - NSR006A0X4-49Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR006A0X4-49Z LINEAGEPOWER-NSR006A0X4-49Z Datasheet
468Kb / 20P
   Naos Raptor 6A: Non-Isolated DC-DC Power Modules
More results

Similar Description - NSR006A0X4-49Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR003A0X4Z LINEAGEPOWER-NSR003A0X4Z Datasheet
470Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 3A output current
NSR010A0X4Z LINEAGEPOWER-NSR010A0X4Z Datasheet
473Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
NSR020A0X43Z LINEAGEPOWER-NSR020A0X43Z Datasheet
518Kb / 19P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 20A output current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
APTS012A0X3-SRZ LINEAGEPOWER-APTS012A0X3-SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
ATA006A0X-SR LINEAGEPOWER-ATA006A0X-SR Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
NQR010A0X LINEAGEPOWER-NQR010A0X Datasheet
497Kb / 20P
   Non-Isolated DC-DC Power Modules 4.5Vdc ??4Vdc input; 0.59Vdc to 6Vdc Output;10A Output Current
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com