Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATH006A0X4Z Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # ATH006A0X4Z
Description  2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATH006A0X4Z Datasheet(HTML) 5 Page - Lineage Power Corporation

  ATH006A0X4Z Datasheet HTML 1Page - Lineage Power Corporation ATH006A0X4Z Datasheet HTML 2Page - Lineage Power Corporation ATH006A0X4Z Datasheet HTML 3Page - Lineage Power Corporation ATH006A0X4Z Datasheet HTML 4Page - Lineage Power Corporation ATH006A0X4Z Datasheet HTML 5Page - Lineage Power Corporation ATH006A0X4Z Datasheet HTML 6Page - Lineage Power Corporation ATH006A0X4Z Datasheet HTML 7Page - Lineage Power Corporation ATH006A0X4Z Datasheet HTML 8Page - Lineage Power Corporation ATH006A0X4Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
June 24, 2008
Austin MicroLynxTM II SIP Non-isolated Power Modules:
2.4 – 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
On/Off Signal interface
Device code with Suffix “4” – Positive logic
(On/Off is open collector/drain logic input;
Signal referenced to GND - See feature description
section)
Input High Voltage (Module ON)
All
VIH
VIN, max
V
Input High Current
All
IIH
10
μA
Input Low Voltage (Module OFF)
All
VIL
-0.2
0.3
V
Input Low Current
All
IIL
0.2
1
mA
Device Code with no suffix – Negative Logic
(On/OFF pin is open collector/drain logic input with
external pull-up resistor; signal referenced to GND)
Input High Voltage (Module OFF)
All
VIH
1.5
VIN,max
Vdc
Input High Current
All
IIH
0.2
1
mA
Input Low Voltage (Module ON)
All
VIL
-0.2
0.3
Vdc
Input low Current
All
IIL
10
μA
Turn-On Delay and Rise Times
(IO=IO, max , VIN = VIN, nom, TA = 25
oC, )
Case 1: On/Off input is set to Logic Low (Module
ON) and then input power is applied (delay from
instant at which VIN =VIN, min until Vo=10% of Vo,set)
All
Tdelay
3.9
msec
Case 2: Input power is applied for at least one second
and then the On/Off input is set to logic Low (delay from
instant at which Von/Off=0.3V until Vo=10% of Vo, set)
All
Tdelay
3.9
msec
Output voltage Rise time (time for Vo to rise from 10%
of Vo,set to 90% of Vo, set)
All
Trise
4.2
8.5
msec
Output voltage overshoot – Startup
1
% VO, set
IO= IO, max; VIN = 2.4 to 5.5Vdc, TA = 25
oC
Sequencing Delay time
Delay from VIN, min to application of voltage on SEQ pin
All
TsEQ-delay
10
msec
Tracking Accuracy
(Power-Up: 2V/ms)
All
|VSEQ –Vo
|
100
200
mV
(Power-Down: 1V/ms)
All
|VSEQ –Vo
|
200
400
mV
(VIN, min to VIN, max; IO, min to IO, max VSEQ < Vo)
Overtemperature Protection
All
Tref
150
°C
(See Thermal Consideration section)
Input Undervoltage Lockout
Turn-on Threshold
All
2.2
V
Turn-off Threshold
All
2.0
V


Similar Part No. - ATH006A0X4Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH006A0X4-SR LINEAGEPOWER-ATH006A0X4-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH006A0X4-SRZ LINEAGEPOWER-ATH006A0X4-SRZ Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
More results

Similar Description - ATH006A0X4Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
ATH010A0X3 LINEAGEPOWER-ATH010A0X3 Datasheet
593Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com