Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA006A0X-SRZ Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # ATA006A0X-SRZ
Description  8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATA006A0X-SRZ Datasheet(HTML) 4 Page - Lineage Power Corporation

  ATA006A0X-SRZ Datasheet HTML 1Page - Lineage Power Corporation ATA006A0X-SRZ Datasheet HTML 2Page - Lineage Power Corporation ATA006A0X-SRZ Datasheet HTML 3Page - Lineage Power Corporation ATA006A0X-SRZ Datasheet HTML 4Page - Lineage Power Corporation ATA006A0X-SRZ Datasheet HTML 5Page - Lineage Power Corporation ATA006A0X-SRZ Datasheet HTML 6Page - Lineage Power Corporation ATA006A0X-SRZ Datasheet HTML 7Page - Lineage Power Corporation ATA006A0X-SRZ Datasheet HTML 8Page - Lineage Power Corporation ATA006A0X-SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet
May 19, 2009
Austin MicroLynxTM II 12V SMT Non-isolated Power Modules:
8.3 – 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
LINEAGE POWER
4
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dynamic Load Response
(dIo/dt=2.5A/
μs; V VIN = VIN, nom; TA=25°C)
All
Vpk
50
mV
Load Change from Io= 50% to 100% of Io,max;
Co = 2x150 μF polymer capacitors
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
ts
50
μs
(dIo/dt=2.5A/
μs; VIN = VIN, nom; TA=25°C)
All
Vpk
50
mV
Load Change from Io= 100% to 50%of Io,max:
Co = 2x150 μF polymer capacitors
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
ts
50
μs
General Specifications
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO=IO, max, TA=25°C)
15,371,900
Hours
Telecordia SR-332 Issue 1: Method 1 Case 3
Weight
2.8 (0.1)
g (oz.)


Similar Part No. - ATA006A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA006A0X4 LINEAGEPOWER-ATA006A0X4 Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA006A0X4Z LINEAGEPOWER-ATA006A0X4Z Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA006A0XZ LINEAGEPOWER-ATA006A0XZ Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
More results

Similar Description - ATA006A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
AXA003A0X LINEAGEPOWER-AXA003A0X Datasheet
578Kb / 18P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 3A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA016A0X3 LINEAGEPOWER-ATA016A0X3 Datasheet
687Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA010A0X3 LINEAGEPOWER-ATA010A0X3 Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA003A0X-SR LINEAGEPOWER-AXA003A0X-SR Datasheet
701Kb / 20P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 3A output current
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
AXA016A0X3 LINEAGEPOWER-AXA016A0X3 Datasheet
656Kb / 19P
   10 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 16A output current
AXA005A0X-SR LINEAGEPOWER-AXA005A0X-SR Datasheet
583Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXA010A0X3-SR LINEAGEPOWER-AXA010A0X3-SR Datasheet
589Kb / 20P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com