Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA006A0X-SR Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # ATA006A0X-SR
Description  8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATA006A0X-SR Datasheet(HTML) 1 Page - Lineage Power Corporation

  ATA006A0X-SR Datasheet HTML 1Page - Lineage Power Corporation ATA006A0X-SR Datasheet HTML 2Page - Lineage Power Corporation ATA006A0X-SR Datasheet HTML 3Page - Lineage Power Corporation ATA006A0X-SR Datasheet HTML 4Page - Lineage Power Corporation ATA006A0X-SR Datasheet HTML 5Page - Lineage Power Corporation ATA006A0X-SR Datasheet HTML 6Page - Lineage Power Corporation ATA006A0X-SR Datasheet HTML 7Page - Lineage Power Corporation ATA006A0X-SR Datasheet HTML 8Page - Lineage Power Corporation ATA006A0X-SR Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet
May 19, 2009
Austin MicrolynxTM II 12V SMT Non-isolated Power Modules:
8.3Vdc – 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A Output Current
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS03-108 ver.1.42
PDF name: microlynx_II_12v_smt_ds.pdf
EZ-SEQUENCETM
Applications
Distributed power architectures
Intermediate bus voltage applications
Telecommunications equipment
Servers and storage applications
Networking equipment
Enterprise Networks
Latest generation IC’s (DSP, FPGA, ASIC) and
Microprocessor powered applications
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z
versions)
Compliant to ROHS EU Directive 2002/95/EC with
lead solder exemption (non-Z versions)
Flexible output voltage sequencing
EZ-SEQUENCE
TM
Delivers up to 6A output current
High efficiency – 89% at 3.3V full load (VIN =
12.0V)
Small size and low profile:
27.9 mm x 11.4 mm x 7.24 mm
(1.10 in x 0.45 in x 0.285 in)
Low output ripple and noise
High Reliability:
Calculated MTBF = 15.3M hours at 25
oC Full-load
Output voltage programmable from 0.75 Vdc to
5.5Vdc via external resistor
Line Regulation: 0.3% (typical)
Load Regulation: 0.4% (typical)
Temperature Regulation: 0.4 % (typical)
Remote On/Off
Output overcurrent protection (non-latching)
Wide operating temperature range (-40°C to 85°C)
UL* 60950-1Recognized, CSA
C22.2 No.
60950-1-03 Certified, and VDE
0805:2001-12
(EN60950-1) Licensed
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Description
Austin MicroLynx
TM II 12V SMT (surface mount technology) power modules are non-isolated DC-DC converters that
can deliver up to 6A of output current with full load efficiency of 89% at 5.0V output. These modules provide
precisely regulated output voltage programmable via external resistor from 0.75Vdc to 5.5Vdc over a wide range of
input voltage (VIN = 8.3 - 14V). The Austin MicroLynx
TM II 12V series has a sequencing feature, EZ-SEQUENCETM
that enable designers to implement various types of output voltage sequencing when powering multiple voltages on
a board.
RoHS Compliant


Similar Part No. - ATA006A0X-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA006A0X4 LINEAGEPOWER-ATA006A0X4 Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA006A0X4Z LINEAGEPOWER-ATA006A0X4Z Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA006A0XZ LINEAGEPOWER-ATA006A0XZ Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
More results

Similar Description - ATA006A0X-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
AXA003A0X LINEAGEPOWER-AXA003A0X Datasheet
578Kb / 18P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 3A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA016A0X3 LINEAGEPOWER-ATA016A0X3 Datasheet
687Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA010A0X3 LINEAGEPOWER-ATA010A0X3 Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA003A0X-SR LINEAGEPOWER-AXA003A0X-SR Datasheet
701Kb / 20P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 3A output current
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
AXA016A0X3 LINEAGEPOWER-AXA016A0X3 Datasheet
656Kb / 19P
   10 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 16A output current
AXA005A0X-SR LINEAGEPOWER-AXA005A0X-SR Datasheet
583Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXA010A0X3-SR LINEAGEPOWER-AXA010A0X3-SR Datasheet
589Kb / 20P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com