Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA006A0XZ Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # ATA006A0XZ
Description  8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATA006A0XZ Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button ATA006A0XZ Datasheet HTML 4Page - Lineage Power Corporation ATA006A0XZ Datasheet HTML 5Page - Lineage Power Corporation ATA006A0XZ Datasheet HTML 6Page - Lineage Power Corporation ATA006A0XZ Datasheet HTML 7Page - Lineage Power Corporation ATA006A0XZ Datasheet HTML 8Page - Lineage Power Corporation ATA006A0XZ Datasheet HTML 9Page - Lineage Power Corporation ATA006A0XZ Datasheet HTML 10Page - Lineage Power Corporation ATA006A0XZ Datasheet HTML 11Page - Lineage Power Corporation ATA006A0XZ Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
March 31, 2008
Austin MicroLynx IITM 12V SIP Non-isolated Power Modules:
8.3 – 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
LINEAGE POWER
8
Characteristic Curves (continued)
The following figures provide typical characteristics for the Austin MicroLynx
TM II 12V SIP modules at 25ºC.
TIME, t (10
μs/div)
TIME, t (1 ms/div)
Figure 13. Transient Response to Dynamic Load
Change from 100% of 50% full load (Vo = 5.0 Vdc, Cext
= 2x150 μF Polymer Capacitors).
Figure 16. Typical Start-Up with application of Vin with
(Vin = 12Vdc, Vo = 3.3Vdc, Io = 6A).
TIME, t (1 ms/div)
TIME, t (1 ms/div)
Figure 14. Typical Start-Up Using Remote On/Off
(Vin = 12Vdc, Vo = 3.3Vdc, Io = 6.0A).
Figure 17 Typical Start-Up using Remote On/off with
Prebias (Vin = 12Vdc, Vo = 1.8Vdc, Io = 1A, Vbias =1.0
Vdc).
TIME, t (1 ms/div)
TIME, t (20ms/div)
F
igure 15. Typical Start-Up Using Remote On/Off with
Low-ESR external capacitors (7x150uF Polymer)
(Vin = 12Vdc, Vo = 3.3Vdc, Io = 6.0A, Co = 1050
μF).
Figure 18. Output short circuit Current (Vin = 12Vdc,
Vo = 0.75Vdc).


Similar Part No. - ATA006A0XZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA006A0X-SR LINEAGEPOWER-ATA006A0X-SR Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA006A0X-SRZ LINEAGEPOWER-ATA006A0X-SRZ Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA006A0X4-SR LINEAGEPOWER-ATA006A0X4-SR Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA006A0X4-SRZ LINEAGEPOWER-ATA006A0X4-SRZ Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
More results

Similar Description - ATA006A0XZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA006A0X-SR LINEAGEPOWER-ATA006A0X-SR Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
AXA003A0X LINEAGEPOWER-AXA003A0X Datasheet
578Kb / 18P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 3A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA016A0X3 LINEAGEPOWER-ATA016A0X3 Datasheet
687Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA010A0X3 LINEAGEPOWER-ATA010A0X3 Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA003A0X-SR LINEAGEPOWER-AXA003A0X-SR Datasheet
701Kb / 20P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 3A output current
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
AXA016A0X3 LINEAGEPOWER-AXA016A0X3 Datasheet
656Kb / 19P
   10 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 16A output current
AXA005A0X-SR LINEAGEPOWER-AXA005A0X-SR Datasheet
583Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXA010A0X3-SR LINEAGEPOWER-AXA010A0X3-SR Datasheet
589Kb / 20P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com