Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA010A0X43-SRZ Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # ATA010A0X43-SRZ
Description  8.3 - 14.0 Vdc Input; 0.75Vdc to 5.5Vdc Output; 10A output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATA010A0X43-SRZ Datasheet(HTML) 5 Page - Lineage Power Corporation

  ATA010A0X43-SRZ Datasheet HTML 1Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 2Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 3Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 4Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 5Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 6Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 7Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 8Page - Lineage Power Corporation ATA010A0X43-SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
May 19, 2009
Austin LynxTM II 12 V SMT Non-Isolated Power Modules:
8.3 – 14.0 Vdc Input; 0.75Vdc to 5.5Vdc Output; 10A output current
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
On/Off Signal interface
Device code with Suffix “4” – Positive logic
(On/Off is open collector/drain logic input;
Signal referenced to GND - See feature description
section)
Input High Voltage (Module ON)
All
VIH
VIN, max
V
Input High Current
All
IIH
10
μA
Input Low Voltage (Module OFF)
All
VIL
-0.2
0.3
V
Input Low Current
All
IIL
0.2
1
mA
Device Code with no suffix – Negative Logic
(On/OFF pin is open collector/drain logic input with
external pull-up resistor; signal referenced to GND)
Input High Voltage (Module OFF)
All
VIH
2.5
VIN,max
Vdc
Input High Current
All
IIH
0.2
1
mA
Input Low Voltage (Module ON)
All
VIL
-0.2
0.3
Vdc
Input low Current
All
IIL
10
μA
Turn-On Delay and Rise Times
(IO=IO, max , VIN = VIN, nom, TA = 25
oC, )
Case 1: On/Off input is set to Logic Low (Module
ON) and then input power is applied (delay from
instant at which VIN =VIN, min until Vo=10% of Vo,set)
All
Tdelay
3
msec
Case 2: Input power is applied for at least one second
and then the On/Off input is set to logic Low (delay from
instant at which Von/Off=0.3V until Vo=10% of Vo, set)
All
Tdelay
3
msec
Output voltage Rise time (time for Vo to rise from 10%
of Vo,set to 90% of Vo, set)
All
Trise
4
6
msec
Output voltage overshoot – Startup
1
% VO, set
IO= IO, max; VIN = 3.0 to 5.5Vdc, TA = 25
oC
Sequencing Delay time
Delay from VIN, min to application of voltage on SEQ pin
All
TsEQ-delay
10
msec
Tracking Accuracy
(Power-Up: 2V/ms)
All
VSEQ –Vo
100
200
mV
(Power-Down: 1V/ms)
All
VSEQ –Vo
300
500
mV
(VIN, min to VIN, max; IO, min to IO, max VSEQ < Vo)
Remote Sense Range
All
0.5
V
Overtemperature Protection
All
Tref
125
°C
(See Thermal Consideration section)
Input Undervoltage Lockout
Turn-on Threshold
All
7.9
V
Turn-off Threshold
All
7.8
V


Similar Part No. - ATA010A0X43-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA010A0X43 LINEAGEPOWER-ATA010A0X43 Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
ATA010A0X43Z LINEAGEPOWER-ATA010A0X43Z Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results

Similar Description - ATA010A0X43-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA010A0X3 LINEAGEPOWER-ATA010A0X3 Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA003A0X LINEAGEPOWER-AXA003A0X Datasheet
578Kb / 18P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 3A output current
ATA016A0X3 LINEAGEPOWER-ATA016A0X3 Datasheet
687Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA006A0X-SR LINEAGEPOWER-ATA006A0X-SR Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
AXA003A0X-SR LINEAGEPOWER-AXA003A0X-SR Datasheet
701Kb / 20P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 3A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATL010A0X43-SR LINEAGEPOWER-ATL010A0X43-SR Datasheet
727Kb / 21P
   9 - 18Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA010A0X3 LINEAGEPOWER-AXA010A0X3 Datasheet
650Kb / 19P
   10Vdc - 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com