Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH20111R5YL Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # SH20111R5YL
Description  SHIELDED SMD SHIELDED SMD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH20111R5YL Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  SH20111R5YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH20111R5YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH20111R5YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH20111R5YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH20111R5YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH20111R5YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ⅸ﹒
UL CARD:
SPECIFICATION FOR APPROVAL
NAME
PROD.
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 6
AR-001A
POWER INDUCTOR
SHIELDED SMD
Marking:Dompany name/nateriel designation or marked designation and factory identification on package ok reel
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG
Polysol 155g
See General Information preceding These Recognitions
Polysol-N 180
Polysol 170
Polysol 180
Polysol 160
Polysol 155p
ELEKTRISOLA (MALAYSLA) SDN BHD
DARUL MAKMUR MALAYSIA
Mtl Dsg
Estersol 160
Amldester 200
Polysol-N 155
Polysol 155
Magnet Wire-Comporent
OBMW2
Pp155,Gp155
Polyurechane
155
____
____
MW-79
____
Nylon
____
PN180
P170 or G170
P180
P160
Polyurechane
Polyurechane
Polyurechane
Polyurechane
MW-79
MW-79
MW-79
____
180
156
155
155
August 27, 1999
____
OC
____
Nylon
____
____
PN155
Pg155
P155
E180
A200
Mark Dsg
Polyurechane
(solderable)
Polyurechane
Polyesterimide
Polyesterimide
Polyurechane
Coating Type
BC
E143312
MW-80,
MW-79
MW-79
MW-28
MW-79,
MW-74
MW-77
Typ
ANSI
155,
130
130
155,
100
200
180
Class
Temp
SH2011□□□□L□-□□□
20070101-A


Similar Part No. - SH20111R5YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SH2013100YL ABC-SH2013100YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH2013150YL ABC-SH2013150YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH20131R0YL ABC-SH20131R0YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH2013220YL ABC-SH2013220YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH20132R2YL ABC-SH20132R2YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SH20111R5YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
   Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
   Shielded smd Inductor
logo
Datatronic Distribution...
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
   SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
   SHIELDED SMD INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com