Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH2011220YL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SH2011220YL
Description  SHIELDED SMD SHIELDED SMD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH2011220YL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SH2011220YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH2011220YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH2011220YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH2011220YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH2011220YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH2011220YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REF :
PAGE: 1
SPECIFICATION FOR APPROVAL
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅲ﹒
MATERIALS:
Ⅳ﹒
GENERAL SPECIFICATION:
c﹒Operating temp.:-40℃----+105℃
b﹒Storage temp.:-40℃ ----+125℃
a﹒Temp. rise :40℃ max.
d﹒Resistance to solder heat:260℃.10 secs.
m/m
A : 2.60 ±0.20
SH2011□□□□L□-□□□
A
( PCB Pattern Suggestion )
A
LCR Meter
b
a
e
c
d
AR-001A
e﹒Terminal:Ag/Ni/Sn
d﹒Adhesive :Epoxy resin
b﹒Core:Ferrite RI core
c﹒Wire :Enamelled copper wire ( Class H )
a﹒Core:Ferrite DR core
70sec max.
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
150
Time ( seconds )
50
50
100
0
250
150
200
100
+4.0
/ sec max.
Temperature
Rising Area
Preheat Area
150 ~ 200
/ 60 ~ 120sec
Peak Temperature:
200
250
260℃
50sec max.
230℃
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
POWER INDUCTOR
SHIELDED SMD
OR
F
F
m/m
B : 2.60 ±0.20
m/m
C : 1.10 ±0.10
m/m
D : 0.80 typ
m/m
E : 0.90 typ
m/m
m/m
m/m
m/m
m/m
F : 2.90 ref
G : 0.70 ref
H : 1.70 ref
I
: 1.00 ref
J
: 0.90 ref
m/m
R
: 0.90 ref
f﹒Remark:Products comply with RoHS'
requirements
20070101-A


Similar Part No. - SH2011220YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SH2013100YL ABC-SH2013100YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH2013150YL ABC-SH2013150YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH20131R0YL ABC-SH20131R0YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH2013220YL ABC-SH2013220YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH20132R2YL ABC-SH20132R2YL Datasheet
470Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SH2011220YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
   Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
   Shielded smd Inductor
logo
Datatronic Distribution...
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
   SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
   SHIELDED SMD INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com