Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF3216121YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SF3216121YL
Description  SMD LINE FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF3216121YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SF3216121YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF3216121YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF3216121YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF3216121YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF3216121YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF3216121YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF3216121YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1). □:Packaging information… A:Bulk B:Taping Reel
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
NAME
PROD.
SF3216900YL□
Dwg. No.
90±25%
1000±25%
260±25%
600±25%
160±25%
( Ω )
Impedance
1.200
ABC'S DWG NO.
ABC'S ITEM NO.
0.300
1.000
0.800
0.500
0.400
( Ω )
max.
RDC
PAGE: 2
SMD LINE FILTER
SF3216161YL□
SF3216601YL□
SF3216261YL□
SF3216102YL□
SF3216222YL□
2200±25%
( mA )
260
200
230
340
310
max.
370
IDC
4). RDC Test Instrument:CH-502AC.
3). Impedance Test Instrument:HP4291A.
50
50
50
50
50
50
5). IDC Test Instrument:CH1062+CH301A.
AR-001A
Insulation
10
10
10
10
10
10
( MΩ ) min.
Resistance
@ 100 MHz
SF3216□□□□L□-□□□
2)﹒"-
":Reference code
□ □
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SF3216121YL□
0.300
370
50
10
-□□□
120±25%
220±25%
0.400
SF3216221YL□
320
50
10
-□□□
Withstanding
125
125
125
125
125
125
V
( DC )
125
125
( DC )
V
Rated
REF: 20090406-B


Similar Part No. - SF3216121YL

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SF3211-60033 AMPHENOL-SF3211-60033 Datasheet
133Kb / 1P
   SMPM MALE FD 4-LEG PCB MOUNT WITH R/A CONTACT
SF3211-6004 AMPHENOL-SF3211-6004 Datasheet
24Kb / 1P
   SMPM, MALE TO T-FLEX 405 SMOOTH BORE INTERFACE FIT M38999 SIZE 12 INSERT
logo
Amphenol SV Microwave
SF3211-6004 SVMICROWAVE-SF3211-6004 Datasheet
25Kb / 1P
   SMPM, MALE TO T-FLEX 405 SMOOTH BORE INTERFACE FIT M38999 SIZE 12 INSERT
REV.B 06/08
logo
Amphenol Corporation
SF3211-60193 AMPHENOL-SF3211-60193 Datasheet
79Kb / 1P
   SMPM FD 2 HOLE FLANGE PCB MOUNT
SF3211-60193-1S AMPHENOL-SF3211-60193-1S Datasheet
84Kb / 1P
   SMPM PLUG SB 2 HOLE COMPRESSION FLANGE
More results

Similar Description - SF3216121YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0905100YL ABC-SF0905100YL Datasheet
136Kb / 7P
   SMD LINE FILTER
SF2012300YL ABC-SF2012300YL Datasheet
248Kb / 7P
   SMD LINE FILTER
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
   SMD Line Filter
SRF2012 BOURNS-SRF2012 Datasheet
118Kb / 1P
   SMD LINE FILTER
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF1006121YL ABC-SF1006121YL Datasheet
1Mb / 6P
   SMD LINE FILTER
SF6018100YL ABC-SF6018100YL Datasheet
582Kb / 7P
   SMD LINE FILTER
SF0603001YL ABC-SF0603001YL Datasheet
621Kb / 8P
   SMD LINE FILTER
SF1358350YL ABC-SF1358350YL Datasheet
600Kb / 7P
   SMD LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com