Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2012301YL Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SF2012301YL
Description  SMD LINE FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF2012301YL Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SF2012301YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF2012301YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF2012301YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF2012301YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF2012301YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF2012301YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF2012301YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Epoxy
____
___
____
See General Information Preceding These Recognitions
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
fies base coated magnet wire twisted together and covered with top coat overall.
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking: Company name or trademarks
AR-001A
287806002
Recognized Component Mark.
____
SF.BW@
____
SFFY
UEY
UEY-2
UEW-1
UEW-4
UEW-2
____
____
____
____
____
Dsg
Mtl
287806002
SFFW
Dsg
Mark
____
____
SF.EIW
SF.EILOCKY#
SF.EILOCKBS
SF.BLOCKBS
SF.BY@
SF.FLY@
____
____
____
____
____
LSUEW
LSFFW
SF.FLW
PEW
PEY
FL.EILOCKY
EIW-2
EIW
____
____
____
____
____
____
____
, material designation or marked designation on packaed or reel, and
Page 2 of 2
or 榮星電線
OBMW2⁄E174837
September 8 , 2000
MW74-C
___
MW28-C
MW75C
MW28-C
MW80C
___
MW27-C
___
___
MW24-C
MW27-C
___
___
MW79-C
___
Modified Polyester
Coat Typ
Page 1 of 2
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
BC
Polyamide
____
____
Polyamide
Nylon
____
OC
Polyesterimide
Polyesterimide
Modified Polyester
Polyesterimide
Polyesterimide
Modified Polyester
Polyester
Modified
Polyesterimide
Polyesterimide
Modified Polyester
Polyurethane
Polyurethane
Modified Polyester
Polyester
Polyester
____
Nylon
Modified
Polyamide
____
Polyamide
Polyamide
Nylon
Modified
____
Nylon
____
____
____
Polyamide
____
155
MW26C
155
MW2-C
130
130
105
130
130
dedicated to public safety and
committed to quality service
A not-for-profit organization
Type
ANSI
MW79
Temp
Class
155
180
MW77C
180
180
155
155
155
MW26C
130
155
155
155
155
200
220
155
JUNG SHING WIRE CO LTD
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
Magnet Wire-Component
SPECIFICATION FOR APPROVAL
OBMW2
CFUEWB
EIAIW
EILOCKY
EILOCKW
Mtl
Dsg
AIW
____
____
____
____
Mark
Dsg
____
HSIEN TAIWAN
Ⅹ﹒UL CARD:
PROD.
NAME
REF : 20090324-B
___
___
MW81-C
September 8, 2000
Coat Typ
Polyesterimide
Polyesterimide
Polyesterimide
Polyamideimide
Polyurethane
BC
Polyamideimide
Polyamide
Modified
____
OC
____
ABC'S ITEM NO.
ABC'S DWG NO.
MW75C
MW35C
ANSI
Type
130
180
200
200
Temp
220
Class
E174837
PAGE: 7
SMD LINE FILTER
SF2012□□□□L□-□□□


Similar Part No. - SF2012301YL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF201 WTE-SF201 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
   SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
Won-Top Electronics
SF201-T3 WTE-SF201-T3 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
More results

Similar Description - SF2012301YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0905100YL ABC-SF0905100YL Datasheet
136Kb / 7P
   SMD LINE FILTER
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
   SMD Line Filter
SRF2012 BOURNS-SRF2012 Datasheet
118Kb / 1P
   SMD LINE FILTER
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF1006121YL ABC-SF1006121YL Datasheet
1Mb / 6P
   SMD LINE FILTER
SF6018100YL ABC-SF6018100YL Datasheet
582Kb / 7P
   SMD LINE FILTER
SF3216900YL ABC-SF3216900YL Datasheet
216Kb / 7P
   SMD LINE FILTER
SF0603001YL ABC-SF0603001YL Datasheet
621Kb / 8P
   SMD LINE FILTER
SF1358350YL ABC-SF1358350YL Datasheet
600Kb / 7P
   SMD LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com