Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2012261YL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SF2012261YL
Description  SMD LINE FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF2012261YL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SF2012261YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF2012261YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF2012261YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF2012261YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF2012261YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF2012261YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF2012261YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
F :
0.80 ref.
SPECIFICATION FOR APPROVAL
A :
2.05±0.2
E :
0.45 typ.
D :
0.40 typ.
C :
1.25±0.2
B :
1.25±0.2
Ⅲ﹒MATERIALS LIST:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒MECHANICAL DIMENSIONS:
NAME
PROD.
REF : 20090324-B
SMD LINE FILTER
ABC'S ITEM NO.
ABC'S DWG NO.
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1
2
3
4
1
N1
N2
( PCB Pattem )
F
G
Ⅳ﹒GENERAL SPECIFICATION:
b﹒Wire :Enamelled copper wire ( class F )
a﹒Core:Ferrite
Ag / Ni / Sn
c﹒Terminal:
m/m
G :
0.90 ref.
G
+2.0 ~ 4.0℃
50sec max.
70sec max.
100
0
50
50
150
250
200
Time ( seconds )
100
150
Max time above 230℃ :50sec max.
150 ~ 200
/ 60 ~ 120sec
Max time above 200℃ :70sec max.
Peak Temp:260℃ max.
+4.0
/ sec max.
Temperature
Rising Area
Preheat Area
Reflow Area
/ sec max.
260℃
200
250
230℃
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
Peak Temperature:
A
E
4
1
E
3
2
B
c
b
a
H :
0.50 ref.
m/m
m/m
I :
0.35 ref.
b﹒Rated current:Base on temp. rise
d﹒Operating temp.:-55℃----+125℃
c﹒Storage temp.:-55℃ ----+125℃
a﹒Temp rise :20℃ max
&
L/L0A=20% max.
(Temp. rise included)
AR-001A
SF2012□□□□L□-□□□
d﹒Remark:Products comply with RoHS'
requirements


Similar Part No. - SF2012261YL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF201 WTE-SF201 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
   SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
Won-Top Electronics
SF201-T3 WTE-SF201-T3 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
More results

Similar Description - SF2012261YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0905100YL ABC-SF0905100YL Datasheet
136Kb / 7P
   SMD LINE FILTER
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
   SMD Line Filter
SRF2012 BOURNS-SRF2012 Datasheet
118Kb / 1P
   SMD LINE FILTER
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
   SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
   SMD LINE FILTER
SF1006121YL ABC-SF1006121YL Datasheet
1Mb / 6P
   SMD LINE FILTER
SF6018100YL ABC-SF6018100YL Datasheet
582Kb / 7P
   SMD LINE FILTER
SF3216900YL ABC-SF3216900YL Datasheet
216Kb / 7P
   SMD LINE FILTER
SF0603001YL ABC-SF0603001YL Datasheet
621Kb / 8P
   SMD LINE FILTER
SF1358350YL ABC-SF1358350YL Datasheet
600Kb / 7P
   SMD LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com